Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC817 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BC817
Description  NPN Plastic Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC817 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC817_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC817_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BC817 -16, -25, -40
500 mA, 50 V
NPN Plastic Encapsulate Transistors
16-Nov-2009 Rev. D
Page 1 of 2
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Complementary types: BC807 (PNP)
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Collector - Base Voltage
VCBO
50
V
Collector - Emitter Voltage
VCEO
45
V
Emitter - Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
PC
300
mW
Junction & Storage Temperature
TJ, TSTG
150, -55 ~ +150
°C
CHARACTERISTICS at TA = 25°C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector-base Breakdown Voltage
VCBO
50
-
-
V
IC = 10
µA, I
E = 0
Collector-emitter Breakdown Voltage
VCEO
45
-
-
V
IC = 10 mA, IB = 0
Emitter-base Breakdown Voltage
VEBO
5
-
-
V
IE = 1
µA, I
C = 0
Collector Cut-off Current
ICBO
-
-
0.1
µA
VCB = 45V, IE = 0
Emitter Cut-off Current
IEBO
-
-
0.1
µA
VEB = 4V, IC = 0
DC Current Gain
hFE(1)
100
-
600
VCE = 1 V, IC = 100 mA
DC Current Gain
hFE(2)
40
-
-
VCE = 1 V, IC = 500 mA
Collector-emitter Saturation Voltage
VCE(sat)
-
-
0.7
V
IC = 500mA, IB = 50 mA
Base-emitter Saturation Voltage
VBE(sat)
-
-
1.2
V
IC = 500mA, IB = 50 mA
Base-emitter Voltage
VBE
-
-
1.2
V
VCE = 1V, IC = 500mA
Collector Capacitance
Cob
-
10
-
pF
VCB = 10V, f=1MHz
Transition Frequency
fT
100
-
-
MHz
VCE = 5 V, IC = 10 mA,
f = 100MHz
CLASSIFICATION OF hFE(1)
Rank
BC817-16
BC817-25
BC817-40
Range
100 - 250
160 - 400
250 - 600
Marking
6A
6B
6C
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Numéro de pièce similaire - BC817_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BC817 KEXIN-BC817_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
Diodes Incorporated
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Unisonic Technologies
BC817 UTC-BC817_15 Datasheet
374Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Description similaire - BC817_15

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com