Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1318 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SA1318
Description  PNP Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1318 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1318_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1318
-0.2 A, -60 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
19-Jan-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Large Current Capacity and Wide ASO
APPLICATIONS
Capable of Being Used in The Low Frequency to High
Frequency Range
CLASSIFICATION OF hFE(1)
Product-Rank
2SA1318-R 2SA1318-S 2SA1318-T 2SA1318-U
Range
100~200
140~280
200~400
280~560
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-0.2
A
Collector Power Dissipation
PC
500
mW
Thermal Resistance From Junction to Ambient
RθJA
250
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -0.01mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -0.01mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
μA
VCB= -40V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
μA
VEB= -5V, IC=0
DC Current Gain
hFE(1)
100
-
560
VCE= -6V, IC= -1mA
hFE(2)
70
-
-
VCE= -6V, IC= -0.1mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -0.1A, IB= -10mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1.0
V
IC= -0.1A, IB= -10mA
Transition Frequency
fT
-
200
-
MHz
VCE= -6V, IC= -10mA
Collector Output Capacitance
Cob
-
4.5
-
pF
VCB= -6V, f=1MHz
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G1.27 TYP.
H1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
K
F
D
B
G
H
J
Emitter
Collector
Base


Numéro de pièce similaire - 2SA1318_15

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SA1318 SANYO-2SA1318 Datasheet
451Kb / 5P
   AF Amp Applications
logo
TRANSYS Electronics Lim...
2SA1318 TEL-2SA1318 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
2SA1318 SECOS-2SA1318 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
SHENZHEN YONGERJIA INDU...
2SA1318 WINNERJOIN-2SA1318 Datasheet
120Kb / 1P
   TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA1318 JIANGSU-2SA1318 Datasheet
371Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - 2SA1318_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com