Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1235A Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SA1235A
Description  PNP Silicon Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1235A Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1235A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1235A
-0.2A , -60V
PNP Silicon Plastic Encapsulated Transistor
Elektronische Bauelemente
19-Jan-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3

Base
Emitter
Collector

FEATURES
Low Collector Current
Low Collector Power Dissipation
CLASSIFICATION OF hFE (1)
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-6
V
Collector Current - Continuous
IC
-200
mA
Collector Power Dissipation
PC
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage V(BR)CBO
-60
-
-
V
IC= -100A, IE=0
Collector to Emitter Breakdown
V(BR)CEO
-50
-
-
V
IC= -0.1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-6
-
-
V
IE= -100A, IC=0
Collector Cut-off Current
ICBO
-
-
-100
nA
VCB= -60V, IE=0
Emitter Cut-off Current
IEBO
-
-
-100
nA
VEB= -6V, IC=0
DC Current Gain
hFE (1)
150
-
500
VCE= -6V, IC= -1mA
hFE (2)
90
-
-
VCE= -6V, IC= -0.1mA
Collector to Emitter
Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -100mA, IB= -10mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1
V
IC= -100mA, IB= -10mA
Transition Frequency
fT
-
200
-
MHz
VCE= -6V, IC= -10mA
Collector Output Capacitance
Cob
-
4
-
pF
VCB= -6V, IE=0, f=1MHz
Product-Rank
2SA1235A-ME
2SA1235A-MF
Range
150~300
250~500
Marking
M‧E
M‧F
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-23
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50


Numéro de pièce similaire - 2SA1235A_15

FabricantNo de pièceFiches techniqueDescription
logo
SHENZHEN YONGERJIA INDU...
2SA1235A WINNERJOIN-2SA1235A_15 Datasheet
136Kb / 1P
   PNP TRANSISTOR
More results

Description similaire - 2SA1235A_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SA1298 SECOS-2SA1298 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832 Datasheet
477Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SB624 SECOS-2SB624_15 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832_15 Datasheet
477Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1611 SECOS-2SA1611_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586_15 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1179 SECOS-2SA1179 Datasheet
185Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com