Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES2A Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce ES2A
Description  Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

ES2A Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  ES2A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd ES2A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Rectifier Diodes
ES2A ~ ES2D
Features
Glass Passivated Die Construction
Super-Fast Recovery Time For High Efficiency
Surge Overload Rating to 50A Peak
Ideally Suited for Automated Assembly
Lead Free Finish/RoHS Compliant
Green Molding Compound
2.108
2.348
1
2
4.699
4.064
5.588
5.080
3.937
3.302
2.108
1.905
4.12
3.92
2.65
2.45
5.59
5.39
2.10
2.30
1.270
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AA(SMB)
Unit: mm
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
ES2A
ES2B
ES2C
ES2D
Unit
Repetitive Peak Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
Maximum DC Blocking Voltage
VDC
RMS Reverse Voltage
VR(RMS)
35
70
105
140
Forward Voltage @ IF=2A
VF
Averaged Forward Current.TT=110℃
IFAV
Peak Forward Surge Current @ 8.3ms
IFSM
Maximum DC Reverse Current Ta=25℃
Ta=125℃
Maximum Reverse Current
(Note.1)
trr
ns
Typical Junction Capacitance
(Note.2)
Cj
pF
Typical Thermal Resistance, Junction to Terminal
RθJT
°C/W
Junction Temperature
Tj
Storage Temperature
Tstg
V
0.92
2
50
50
100
150
200
IR
150
-55 to 150
A
5
350
25
μA
25
20
Note.1: Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
Note.2: Measured at 1MHz and applied reverse voltage of 4V D.C
Marking
NO.
ES2A
ES2B
ES2C
ES2D
Marking
ES2A
ES2B
ES2C
ES2D


Numéro de pièce similaire - ES2A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Yea Shin Technology Co....
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
logo
Sangdest Microelectroni...
ES2A SMC-ES2A Datasheet
199Kb / 4P
   MOUNT SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
More results

Description similaire - ES2A

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com