Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1020 Fiches technique(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SA1020
Description  PNP Plastic Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1020 Fiches technique(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  2SA1020_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA1020_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA1020_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SA1020
-2A, -50V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
31-Dec-2010 Rev. B
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Numéro de pièce similaire - 2SA1020_15

FabricantNo de pièceFiches techniqueDescription
logo
Chenmko Enterprise Co. ...
2SA1020N1PT CHENMKO-2SA1020N1PT Datasheet
128Kb / 4P
   PNP Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SA1020 SECOS-2SA1020_10 Datasheet
427Kb / 3P
   PNP Plastic Encapsulated Transistor
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_11 Datasheet
549Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
More results

Description similaire - 2SA1020_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com