Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4758AG Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 1N4758AG
Description  Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4758AG Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  1N4758AG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4758AG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N47xxAG Series
VOLTAGE 3.3 ~ 56 V, 1 W
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
26-May-2010 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Typical Characteristics Curve
Notes:
1. Tolerance and type number designation (VZ): The type numbers listed have a standard tolerance on the nominal zener voltage of ± 5%.
2. Specials available include: Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price,
availability and delivery, contact you nearest SeCoS representative.
3. Zener voltage (VZ) measurement: The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within
specification with device junction in thermal equilibrium.
4. Zener impedance (ZZ) derivation: The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current
having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.


Numéro de pièce similaire - 1N4758AG

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
1N4758AG EIC-1N4758AG Datasheet
31Kb / 2P
   ZENER DIODES
logo
SeCoS Halbleitertechnol...
1N4758AG SECOS-1N4758AG Datasheet
58Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
1N4758AG SECOS-1N4758AG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N4758AG SECELECTRONICS-1N4758AG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - 1N4758AG

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com