Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4148W Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 1N4148W
Description  Surface Mount Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4148W Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4148W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4148W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
1N4148W
Surface Mount Fast Switching Diode
01-Jun-2004 Rev. B
Page 1 of 2
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast switching speed
Ultra-Small surface mount package
For general purpose switching applications
High conductance
Also available in lead-free version
MECHANICAL DATA
Case: SOD-123, Plastic
Epoxy: UL 94V-0 rate flame retardant
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.0094 grams
MARKING
T4
ABSOLUTE MAXIMUM RATINGS
(at Ta = 25°C unless otherwise specified, single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
DC Blocking Voltage
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Power Dissipation (Note 1)
PD
400
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RθJA
318
℃ / W
Operating Temperature, Storage Temperature
TJ, TSTG
-65 ~ 150
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
VRM
75
-
V
IR = 1.0µA
Forward Voltage (Note 2)
VFM
-
0.715
0.855
1.0
1.25
V
IF = 1.0 mA
IF = 10 mA
IF = 50 mA
IF = 150 mA
Peak Reverse Current (Note 2)
IRM
-
2.5
50
30
25
µA
µA
µA
nA
VR = 75V
VR = 75V, TJ = 150 °C
VR = 25V, TJ = 150 °C
VR = 20V
Total Capacitance
CT
-
2.0
pF
VR = 0, f = 1.0 MHz
Reverse Recovery Time
tRR
4.0
nS
IF = IR = 10mA,
Irr = 0.1x IR, RL = 100 Ω
NOTES:
1. Part mounted on FR-4 PC board with recommended pad layout
2. Short duration test pulse used to minimize self-heating effect.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05
1.25
F
1.50
1.70
B
0.10 REF.
G
2.60
2.80
C
1.05
1.15
H
3.55
3.85
D
0.45
0.65
J
0.50 REF.
E
0.08
0.15


Numéro de pièce similaire - 1N4148W_15

FabricantNo de pièceFiches techniqueDescription
logo
Rugao Dachang Electroni...
1N4148W DACHANG-1N4148W_15 Datasheet
124Kb / 2P
   Switching Diodes
logo
Galaxy Semi-Conductor H...
1N4148W BILIN-1N4148W_15 Datasheet
204Kb / 3P
   Surface Mount Switching Diode
More results

Description similaire - 1N4148W_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com