Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1383L Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SC1383L
Description  NPN Silicon General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1383L Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1383L_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1383L_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC1383L / 2SC1384L
NPN Silicon
General Purpose Transistor
28-Jan-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
F
D
B
G
H
J
K
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Low collector to emitter saturation voltage VCE(sat).
Complementary pair with 2SA683 and 2SA684.
CLASSIFICATION OF hFE(1)
Product-Rank
2SC1383L-Q
2SC1383L-R
2SC1383L-S
Product-Rank
2SC1384L-Q
2SC1384L-R
2SC1384L-S
Range
85~170
120~240
170~340
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
2SC1383L
30
Collector to Base Voltage
2SC1384L
VCBO
60
V
2SC1383L
25
Collector to Emitter Voltage
2SC1384L
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Collector Power Dissipation
PC
1
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
2SC1383L
30
-
-
Collector to Base Breakdown
Voltage
2SC1384L
V(BR)CBO
60
-
-
V
IC=10µA, IE=0
2SC1383L
25
-
-
Collector to Emitter
Breakdown Voltage
2SC1384L
V(BR)CEO
50
-
-
V
IC=2mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=10µA, IC=0
Collector Cut - Off Current
ICBO
-
-
0.1
µ
A
VCB=20V, IE=0
hFE (1)
85
-
340
VCE=10V, IC=500mA
DC Current Gain
hFE (2)
50
-
-
VCE=5V, IC=1A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.4
V
IC=500mA, IB=50mA
Base – Emitter Saturation Voltage
VBE(sat)
-
-
1.2
V
IC=500mA, IB=50mA
Transition Frequency
fT
-
200
-
MHz
VCE=10V, IC=50mA
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
Millimeter
REF.
Min.
Max.
A
4.70
5.10
B
7.80
8.20
C
13.80
14.20
D
3.70
4.10
E
0.35
0.55
F
0.35
0.45
G
1.27 TYP.
H
1.28
1.58
J
2.44
2.64
K
0.60
0.80
TO-92L


Numéro de pièce similaire - 2SC1383L_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
2SC1383L SECOS-2SC1383L_11 Datasheet
675Kb / 2P
   NPN Silicon General Purpose Transistor
More results

Description similaire - 2SC1383L_15

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com