Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1318 Datasheet(Fiches technique) 1 Page - SeCoS Halbleitertechnologie GmbH

Numéro de pièce 2SC1318
Description  NPN Plastic Encapsulated Transistor
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1318 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1318_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1318_15 Datenblatt HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1318_15 Datenblatt HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC1318
0.5 A, 60 V
NPN Plastic Encapsulated Transistor
25-Jun-2012 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector to Emitter Saturation Voltage VCE(sat)
Complementary Pair with 2SA720
CLASSIFICATION OF hFE(1)
Product-Rank
2SC1318-Q
2SC1318-R
2SC1318-S
Range
85~170
120~240
170~340
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
7
V
Collector Current - Continuous
IC
0.5
A
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction to Ambient
RθJA
200
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test condition
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC= 0.01mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC= 10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE= 0.01mA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB= 20V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB= 6V, IC=0
hFE(1)
85
-
340
VCE= 10V, IC= 0.15A
DC Current Gain
hFE(2)
40
-
-
VCE= 10V, IC= 0.5A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.6
V
IC= 300mA, IB= 30mA
Base to Emitter Voltage
VBE(sat)
-
-
1.5
V
IC= 300mA, IB= 30mA
Transition Frequency
fT
-
200
-
MHz
VCE=10V, IC=50mA, f=200MHz
Collector Output Capacitance
Cob
-
-
15
pF
VCB=10V, IE=0, f=1MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
Emitter
Collector
Base


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn