Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL6119USBEVAL1 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL6119USBEVAL1
Description  USB Dual Port Power Supply Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6119USBEVAL1 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL6119USBEVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6119USBEVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Pin Descriptions
PIN NO.
DESIGNATOR
FUNCTION
DESCRIPTION
1
GND
IC Reference
2
VIN
Chip bias, Controlled
Supply Input,
Undervoltage lock-out
VIN provides chip bias voltage. At VIN < 2.5V chip functionality is disabled, FAULT latch
is cleared and floating and OUT is held low.
3, 4
ENABLE_1, 2/
ENABLE_1, 2
Channel Enable/
Enable Not Inputs
Enables/Disables switch.
5, 8
FAULT_2, 1
Channel 2, 1 Over
Current Fault Not
Indicator
Channel overcurrent fault indicator. FAULT floats and is disabled until VIN >2.5V. This
output is pulled low after the OC timeout period has expired and stays latched until
ENABLE is deasserted.
6, 7
OUT_2, 1
Channel 2,1 Controlled
Supply Output
Channel voltage output, connect to load to protect. Upon an OC condition IOUT is
current limited to 1A. Current limit response time is within 200
µs. This output will remain
in current limit for a nominal 12ms before being latched off.
ISL6119


Numéro de pièce similaire - ISL6119USBEVAL1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL6119USBEVAL1 INTERSIL-ISL6119USBEVAL1 Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119USBEVAL1 RENESAS-ISL6119USBEVAL1 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
More results

Description similaire - ISL6119USBEVAL1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com