Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADR512 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADR512
Description  1.2 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADR512 Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADR512_15 Datasheet HTML 3Page - Analog Devices ADR512_15 Datasheet HTML 4Page - Analog Devices ADR512_15 Datasheet HTML 5Page - Analog Devices ADR512_15 Datasheet HTML 6Page - Analog Devices ADR512_15 Datasheet HTML 7Page - Analog Devices ADR512_15 Datasheet HTML 8Page - Analog Devices ADR512_15 Datasheet HTML 9Page - Analog Devices ADR512_15 Datasheet HTML 10Page - Analog Devices ADR512_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADR512
Rev. A | Page 7 of 12
PARAMETER DEFINITIONS
TEMPERATURE COEFFICIENT
This is the change of output voltage with respect to operating
temperature changes, normalized by the output voltage at 25°C.
This parameter is expressed in ppm/°C and can be determined
with the following equation:
( )
( )
(
) (
)
6
1
2
1
2
10
25
×
×
°
=


°
T
T
C
V
T
V
T
V
C
ppm
TCV
O
O
O
O
(1)
where:
VO(25°C) = VO at 25°C
VO(T1) = VO at Temperature 1
VO(T2) = VO at Temperature 2
THERMAL HYSTERESIS
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through the temperature from +25°C
to −40°C to +85°C and back to +25°C. This is a typical value
from a sample of parts put through such a cycle.
[
]
(
)
(
)
6
_
_
_
_
10
25
25
)
25
(
×
°
°
=
°
=
C
V
V
C
V
ppm
V
V
C
V
V
O
TC
O
O
HYS
O
TC
O
O
HYS
O
(2)
where:
VO(25°C) = VO at 25°C
VO_TC = VO at 25°C after temperature cycle at +25°C to −40°C to
+85°C and back to +25°C


Numéro de pièce similaire - ADR512_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR512ART-R2 AD-ADR512ART-R2 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ART-REEL7 AD-ADR512ART-REEL7 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results

Description similaire - ADR512_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com