Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5861IB Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL5861IB
Description  12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5861IB Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL5861IB Datasheet HTML 1Page - Intersil Corporation ISL5861IB Datasheet HTML 2Page - Intersil Corporation ISL5861IB Datasheet HTML 3Page - Intersil Corporation ISL5861IB Datasheet HTML 4Page - Intersil Corporation ISL5861IB Datasheet HTML 5Page - Intersil Corporation ISL5861IB Datasheet HTML 6Page - Intersil Corporation ISL5861IB Datasheet HTML 7Page - Intersil Corporation ISL5861IB Datasheet HTML 8Page - Intersil Corporation ISL5861IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Pin Descriptions
PIN NO.
PIN NAME
DESCRIPTION
1-12
D11 (MSB) Through
D0 (LSB)
Digital Data Bit 11, (Most Significant Bit) through Digital Data Bit 0, (Least Significant Bit).
15
SLEEP
Control Pin for Power-Down mode. Sleep Mode is active high; Connect to ground for Normal Mode. Sleep pin
has internal 20
µA active pulldown current.
16
REFLO
Connect to analog ground to enable internal 1.2V reference or connect to AVDD to disable internal reference.
17
REFIO
Reference voltage input if internal reference is disabled. Reference voltage output if internal reference is
enabled. Use 0.
1µF cap to ground when internal reference is enabled.
18
FSADJ
Full Scale Current Adjust. Use a resistor to ground to adjust full scale output current. Full Scale Output Current
= 32 x VFSADJ/RSET.
19, 25
NC
No Connect. These should be grounded, but can be left disconnected.
21
IOUTB
The complementary current output of the device. Full scale output current is achieved when all input bits are
set to binary 0.
22
IOUTA
Current output of the device. Full scale output current is achieved when all input bits are set to binary 1.
23
COMP
Connect 0.1
µF capacitor to ACOM.
24
AVDD
Analog Supply (+3.0V to +3.6V).
20
ACOM
Connect to Analog Ground.
26, 13, 14
DCOM
Connect to Digital Ground.
27
DVDD
Digital Supply (+3.0V to +3.6V).
28
CLK
Clock Input.
ISL5861


Numéro de pièce similaire - ISL5861IB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5861IB INTERSIL-ISL5861IB Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5861IBZ RENESAS-ISL5861IBZ Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

Description similaire - ISL5861IB

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
   10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
HI5860 INTERSIL-HI5860 Datasheet
88Kb / 12P
   12-Bit, 125MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com