Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL4486IUZ Fiches technique(PDF) 9 Page - Intersil Corporation

No de pièce ISL4486IUZ
Description  5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4486IUZ Fiches technique(HTML) 9 Page - Intersil Corporation

Back Button ISL4486IUZ Datasheet HTML 3Page - Intersil Corporation ISL4486IUZ Datasheet HTML 4Page - Intersil Corporation ISL4486IUZ Datasheet HTML 5Page - Intersil Corporation ISL4486IUZ Datasheet HTML 6Page - Intersil Corporation ISL4486IUZ Datasheet HTML 7Page - Intersil Corporation ISL4486IUZ Datasheet HTML 8Page - Intersil Corporation ISL4486IUZ Datasheet HTML 9Page - Intersil Corporation ISL4486IUZ Datasheet HTML 10Page - Intersil Corporation ISL4486IUZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 13. DRIVER PROPAGATION DELAY vs
TEMPERATURE
FIGURE 14. DRIVER SKEW AND PULSE DISTORTION vs
TEMPERATURE
FIGURE 15. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH
FIGURE 16. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW
FIGURE 17. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
528
PROCESS:
Si Gate BiCMOS
Typical Performance Curves VCC = 5V, TA = 25°C, ISL4486 and ISL81486; Unless Otherwise Specified (Continued)
-40
0
50
85
TEMPERATURE (
°C)
-25
25
75
tPHLZ
tPLHZ
tPHLY
tPLHY
RDIFF = 54Ω
7
8
9
10
11
12
-40
0
50
85
TEMPERATURE (
°C)
-25
25
75
RDIFF = 54Ω
0
0.5
1
1.5
2
2.5
3
|tPHLY - tPLHZ| or |tPLHY - tPHLZ|
|CROSSING PT. OF Y
↑ & Z↓ -
CROSSING PT. OF Y
↓ & Z↑|
|tPHL(Y or Z) - tPLH(Y or Z)| = PW Distortion
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
B/Z
A/Y
0
1
2
3
4
5
TIME (10ns/DIV)
RDIFF = 54Ω, CL = 15pF
0
5
0
5
DI
RO
B/Z
A/Y
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
-140
-160
Y OR Z = LOW
Y OR Z = HIGH
ISL4486, ISL81486


Numéro de pièce similaire - ISL4486IUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL4486IUZ RENESAS-ISL4486IUZ Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results

Description similaire - ISL4486IUZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
   3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com