Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL5217 Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL5217
Description  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217 Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL5217 Datasheet HTML 7Page - Intersil Corporation ISL5217 Datasheet HTML 8Page - Intersil Corporation ISL5217 Datasheet HTML 9Page - Intersil Corporation ISL5217 Datasheet HTML 10Page - Intersil Corporation ISL5217 Datasheet HTML 11Page - Intersil Corporation ISL5217 Datasheet HTML 12Page - Intersil Corporation ISL5217 Datasheet HTML 13Page - Intersil Corporation ISL5217 Datasheet HTML 14Page - Intersil Corporation ISL5217 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
11
Polyphase output 1 = (D1*D[n]) + (D5*D[n-1]) + (D9*D[n-2])
+ (D13*D[n-3])
Polyphase output 2 = (D2*D[n]) + (D6*D[n-1]) + (D10*D[n-2])
+ (D14*D[n-3])
Polyphase output 3 = (D3*D[n]) + (D7*D[n-1]) + (D11*D[n-2])
+ (D15*D[n-3])
Table 4 details the coefficient address allocation for the
previous example. The interpolation phase is on the left and
the data span is across the top. The coefficient RAM address
followed by the coefficient term is listed in the table’s cell.
Table 49 details the coefficient address locations through
255.
The loading options are programmable including read back
modes and are discussed in detail in the ‘Microprocessor
Interface’ section. Both 16-bit 2’s complement and 24-bit
floating point format are allowed. The 2’s complement
coefficient format of valid digital values ranges from 0x8001
to 0x7FFF. The value 8000 is not allowed. The 24-bit floating
point (20-bit mantissa with 4-bit exponent) mode allows an
exponent range from 0 to 15. An exponent of 0 indicates
multiplication of the coefficient by 20, and an exponent of 1 is
2-1, down to a value of 15 being 2-15. The default mode is 2’s
complement, with 24-bit floating point mode enabled by
setting control word (0x17, bit 12).
The gain through the filter is:
A = (sum of coefficients) / interpolation rate.
The shaping filter contains saturation logic in the event that
the final output peaks over +/- 1.0. When using quadrature
modulation, saturation/overflow can occur when the input
values for I and Q exceed 0.707 peak. The shaping filter
coefficients may need to be reduced from full scale to
prevent saturation.
Gain Profile
The overall channel gain is controlled by both a gain profile
stage and a gain control stage, which provide identical scaling
for the I and Q upconverted data. The gain profile stage allows
transmit ramp-up and quench fading, to control the sidelobe
profile in burst mode. This is implemented through user control
of the rise and fall transitions utilizing a gain profile memory.
The gain profile memory is a 128 x 12 bit RAM which is loaded
with the desired scaling coefficients via indirect addressing of
memory spaces 0x000-0x07f. The pulse shaping is
implemented by linearly multiplying the programmed coefficient
by the shaping filter outputs at the fS*IP, or coarse phase rate.
The gain profile is enabled by FIR control (0xd, bit 15), with the
RAM address pointer being reset to zero on assertion of the
gain profile enable. Control of the pulse shaping is based on
TXENX, as the TXENX rising edge causes the RAM pointer to
begin stepping through the profile until the RAM pointer
matches the Gain profile length programed into control word
(0x0b, bits 6:0). The falling edge of TXENX reverses the
process and the RAM pointer begins decrementing until it
reaches zero. The gain process is symmetric with respect to the
rising or falling edges of TXENX. The latency through the gain
profile block is set by control word (0x0b, bits 8:7) where bit 8
bypasses all latency alignment circuitry and uses TXENX as
input to the channel. Setting control word (0x0b, bit 7) removes
two edge latencies from the delay path and should be
combined with selection of DS = 3, IP = 4 in order to have
perfect symmetry through the gain profile block. The memory
coefficients may be loaded without taking the channel off-line.
This is implemented by setting the gain profile hold bit in control
word (0x0c, bit 14) which holds the last gain value and provides
access to the memory.
The gain profile coefficients are programmed as unsigned
values:
Bit weight 20.2-1 2-2... 2-11
Maximum 0x800 = 1.0
0x001 = 2-11
Minimum
0x000 = 0.0
TABLE 4. ADDRESS ALLOCATION
DS [n]
DS [n-1]
DS [n-2]
DS [n-3]
IP0
0
CO
16C4
32C8
48C12
IP1
1
C1
17C5
33C9
49C13
IP2
2
C2
18C6
34C10
50 C14
IP3
3
C3
19C7
35C11
51 C15
IP4
4
203652•
IP5
5
213753•
IP6
6
223854•
IP7
7
233955•
IP8
8
D0
24D4
40D8
56D12
IP9
9
D1
25D5
41D9
57D13
IP10
10 D2
26 D6
42 D10
58 D14
IP11
11 D3
27 D7
43 D11
59 D15
IP12
12
28
44
60
IP13
13
29
45
61
IP14
14
30
46
62
IP15
15
31
47
63
ISL5217


Numéro de pièce similaire - ISL5217

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217KI INTERSIL-ISL5217KI Datasheet
795Kb / 43P
   Quad Programmable Up Converter
More results

Description similaire - ISL5217

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217_05 Datasheet
795Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com