Moteur de recherche de fiches techniques de composants électroniques |
|
2SC4177 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
2SC4177 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Elektronische Bauelemente 2SC4177 0.1A , 60V NPN Plastic-Encapsulate Transistor 25-Oct-2013 Rev. B Page 1 of 2 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. Top View A L C B D G H J F K E 1 2 3 1 2 3 Base Emitter Collector RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES High DC Current Gain. High Voltage. Complementary to 2SA1611 APPLICATIONS General Purpose Amplification CLASSIFICATION OF hFE Product-Rank 2SC4177-L4 2SC4177-L5 2SC4177-L6 2SC4177-L7 Range 90~180 135~270 200~400 300~600 Marking L4 L5 L6 L7 PACKAGE INFORMATION ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) Parameter Symbol Rating Unit Collector-Base Voltage VCBO 60 V Collector-Emitter Voltage VCEO 50 V Emitter-Base Voltage VEBO 5 V Collector Current IC 100 mA Collector Power Dissipation PC 150 mW Thermal Resistance From Junction To Ambient RθJA 833 °C / W Junction & Storage temperature TJ, TSTG 150, -55~150 °C ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Test Condition Collector-Base Breakdown Voltage V(BR)CBO 60 - - V IC=100μA, IE=0 Collector-Emitter Breakdown Voltage V(BR)CEO 50 - - V IC=1mA, IB=0 Emitter-Base Breakdown Voltage V(BR)EBO 5 - - V IE=100μA, IC=0 Collector Cut-off Current ICBO - - 100 nA VCB=60V, IE=0 Emitter Cut-off Current IEBO - - 100 nA VEB=5V, IC=0 DC Current Gain 1 hFE 90 - 600 VCE=6V, IC=1mA Collector-Base Saturation Voltage VCE(sat) - - 0.3 V IC=100mA, IB=10mA Base-emitter Saturation Voltage VBE(sat) - - 1 V IC=100mA, IB=10mA Base-emitter Voltage VBE 0.55 - 0.65 V VCE=6V, IC=1mA Transition Frequency fT - 250 - MHz VCE=6V, IC=10mA Collector Output Capacitance Cob - 3 - pF VCB=6V, IE=0, f=1MHz Note: 1. Pulse test: pulse width≦350μs, duty cycle≦2.0% Package MPQ Leader Size SOT-323 3K 7’ inch SOT-323 Millimeter Millimeter REF. Min. Max. REF. Min. Max. A 1.80 2.20 G 0.100 REF. B 1.80 2.45 H 0.525 REF. C 1.15 1.35 J 0.08 0.25 D 0.80 1.10 K - - E 1.20 1.40 L 0.650 TYP. F 0.20 0.40 |
Numéro de pièce similaire - 2SC4177_15 |
|
Description similaire - 2SC4177_15 |