Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2045 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SD2045
Description  Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2045 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2045_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH 2SD2045_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
2SD2045
NPN - PNP
Plastic-Encapsulate Transistors
19-Nov-2013 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURE
40V complementary device
Mounting cost and area can be cut in half
High hFE
MARKING
PACKAGING DIMENSION
ABSOLUTE MAXIMUM RATINGS OF TR1 and TR2 @Ta = 25°C
Value
Parameter
Symbol
TR1 (NPN)
TR2 (PNP)
Unit
Collector to Base Voltage
VCBO
40
-40
V
Collector to Emitter Voltage
VCEX
40
-40
V
Collector to Emitter Voltage
VCEO
30
-30
V
Emitter to Base Voltage
VEBO
7
-7
V
Collector Currrent – Continuous
IC
1.5
-1.5
A
Collector Current- Peak
ICM
5
-5
A
Collector Power Dissipation
PC
350
350
mW
Thermal Resistance from Junction to Ambient
RθJA
357
357
°C / W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Package
MPQ
Leader Size
SOT-26
3K
7 inch
SOT-26
A
H
E
F
L
G
J
K
C
D
B
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
0.37 REF.
B
2.60
3.00
H
0.30
0.55
C
1.20 REF.
J
-
-
D
1.40
1.80
K
0.12 REF.
E
0.95 REF.
L
-
0.10
F
0.60 REF.
2045


Numéro de pièce similaire - 2SD2045_15

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
2SD2045 SANKEN-2SD2045_01 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results

Description similaire - 2SD2045_15

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com