Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1898 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce 2SD1898
Description  Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1898 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1898_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1898_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SD1898
NPN Silicon
Epitaxial Planar Transistor
RoHS Compliant Product
http://www.SeCoSGmbH.com
Elektronische Bauelemente
08-May-2007 Rev. A
Page 1 of 2
SOT-89
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
Description
The 2SD1898 is designed for switching applications.
Absolute Maximum Ratings at Ta = 25 ::
::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
5.0
V
IC
1
A
Collector Current
ICP (Single pulse Pw=20ms)
2
A
Total Power Dissipation
PD
500
mW
Characteristics at Ta = 25 ::
::
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=50uA
BVCEO
80
-
-
V
IC=1mA
BVEBO
5
-
-
V
IE=50uA
ICBO
-
-
1
uA
VCB=80V
IEBO
-
-
1
uA
VEB=4V
VCE(sat)
-
-
400
mV
IC=500mA, IB=20mA
hFE
82
-
390
VCE=3V, IC=500mA
fT
100
-
MHZ
VCE=10V,IC=50mA,f=100MHZ
Cob
-
25
-
pF
VCB=10V,IE=0, f=1MHz
Classification Of hFE
Rank
P
Q
R
hFE
82-180
120-270
180-390
Marking Code : DF


Numéro de pièce similaire - 2SD1898_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SD1898 KEXIN-2SD1898_15 Datasheet
633Kb / 2P
   NPN Transistors
More results

Description similaire - 2SD1898_15

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
   Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
   Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
   Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
   Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
   Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
PZTA14 SECOS-PZTA14 Datasheet
641Kb / 2P
   Epitaxial Planar Transistor
BCP882 SECOS-BCP882 Datasheet
357Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com