Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2821 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADN2821
Description  11.1 Gbps 3.3V Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2821 Fiches technique(HTML) 5 Page - Analog Devices

  ADN2821_15 Datasheet HTML 1Page - Analog Devices ADN2821_15 Datasheet HTML 2Page - Analog Devices ADN2821_15 Datasheet HTML 3Page - Analog Devices ADN2821_15 Datasheet HTML 4Page - Analog Devices ADN2821_15 Datasheet HTML 5Page - Analog Devices ADN2821_15 Datasheet HTML 6Page - Analog Devices ADN2821_15 Datasheet HTML 7Page - Analog Devices ADN2821_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
ADN2821
Rev. PrL | Page 5 of 8
PAD DESCRIPTIONS
Table 3.
Pad No.
Pad
Function
1
GND
Ground (input return)
2
IN
Current input. Bond directly to PD anode.
3
TEST
Test probe Pad. Leave Floating.
4
FILTER
Filter Output.
5
FILTER
Filter Output.
6
GND
Ground
7
RSSI
Voltage Output (provides average input current reading)
8
CAP
Low Frequency set point. Connect with .5nF capacitance to GND for <30kHz
9
GND
Ground
10
GND
Ground (output return)
11
OUTB
Negative Output. Drives 50 ohm termination (AC or DC termination)
12
OUT
Positive Output. Drives 50 ohm termination (AC or DC termination)
13
GND
Ground (output return)
14
GND
Ground
15
VCCFILTER
Filter Supply. Connect to Vcc to enable on-chip 200 ohm*20pf Filter.
16
VCC
3.3 V positive Supply. Recommended bypass to GND is 100 pF RF capacitor.
17
VCC
3.3 V positive Supply. Recommended bypass to GND is 100 pF RF capacitor.
B
FI LT ER
RSSI


Numéro de pièce similaire - ADN2821_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2821XCHIP-02KWP AD-ADN2821XCHIP-02KWP Datasheet
149Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2821XCHIP-05KWP AD-ADN2821XCHIP-05KWP Datasheet
149Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2821XCHIP-10KWP AD-ADN2821XCHIP-10KWP Datasheet
149Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
More results

Description similaire - ADN2821_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
   10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
   12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
   10 Gbps Linear Transimpedance Amplifier
logo
Texas Instruments
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com