Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9630 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce IRF9630
Description  6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9630 Fiches technique(HTML) 2 Page - Intersil Corporation

  IRF9630 Datasheet HTML 1Page - Intersil Corporation IRF9630 Datasheet HTML 2Page - Intersil Corporation IRF9630 Datasheet HTML 3Page - Intersil Corporation IRF9630 Datasheet HTML 4Page - Intersil Corporation IRF9630 Datasheet HTML 5Page - Intersil Corporation IRF9630 Datasheet HTML 6Page - Intersil Corporation IRF9630 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-28
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRF9630,
RF1S9630SM
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-200
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-200
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
-6.5
-4
A
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
-26
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
75
W
Dissipation Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.6
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
500
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = -250µA, VGS = 0V(Figure 10)
-200
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = -250µA
-2
-
-4
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
-25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TC= 125
oC
-
-
-250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = -10V
-6.5
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
On Resistance (Note 2)
rDS(ON)
ID = -3.5A, VGS = -10V (Figures 8, 9)
-
0.500
0.800
Forward Transconductance (Note 2)
gfs
VDS ≥ ID(ON) x rDS(ON)MAX, ID = -3.5A
(Figure 12)
2.2
3.5
-
S
Turn-On Delay Time
td(ON)
VDD = -100V, ID ≈ -6.5A, RG = 50Ω
RL = 15.4Ω (Figures 17, 18)
MOSFET Switching Times are Essentially
Independent of Operating Temperature
-30
50
ns
Rise Time
tr
-
50
100
ns
Turn-Off Delay Time
td(off)
-
50
100
ns
Fall Time
tf
-40
80
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = -10V, ID = -6.5A, VDS = 0.8 x Rated BVDSS
Ig(REF) = -1.5mA (Figures 14, 19, 20)
Gate Charge is Essentially Independent of
Operating Temperature
-31
45
nC
Gate to Source Charge
Qgs
-18
-
nC
Gate to Drain (“Miller”) Charge
Qgd
-13
-
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V, f = 1MHz
(Figure 11)
-
550
-
pF
Output Capacitance
COSS
-
170
-
pF
Reverse Transfer Capacitance
CRSS
-50
-
pF
Internal Drain Inductance
LD
Measured From the
Contact Screw On Tab To
the Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
3.5
-
nH
Measured From the Drain
Lead, 6mm (0.25in) From
Package to the Center of
Die
-
4.5
-
nH
Internal Source Inductance
LS
Measured From the Source
Lead, 6mm (0.25in) From
Package to Source Bond-
ing Pad
-
7.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
1.67
oC/W
Thermal Resistance Junction to Ambient
RθJA
Typical Socket Mount
-
-
80
oC/W
LS
LD
G
D
S
IRF9630, RF1S9630SM


Numéro de pièce similaire - IRF9630

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
IRF9630 SAMSUNG-IRF9630 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
International Rectifier
IRF9630 IRF-IRF9630 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
Vishay Siliconix
IRF9630 VISHAY-IRF9630 Datasheet
547Kb / 8P
   Power MOSFET
Rev. B, 16-Jun-08
logo
Kersemi Electronic Co.,...
IRF9630 KERSEMI-IRF9630 Datasheet
2Mb / 7P
   Power MOSFET
logo
List of Unclassifed Man...
IRF9630 ETC2-IRF9630 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Description similaire - IRF9630

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
IRFR220 INTERSIL-IRFR220 Datasheet
55Kb / 7P
   4.6A, 200V, 0.800 Ohm, N-Channel Power MOSFETs
IRFF9230 INTERSIL-IRFF9230 Datasheet
328Kb / 7P
   -4.0A, -200V, 0.800 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
2N6790 FAIRCHILD-2N6790 Datasheet
86Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power
logo
Intersil Corporation
IRF9230 INTERSIL-IRF9230 Datasheet
72Kb / 7P
   -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
   5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRFD220 INTERSIL-IRFD220 Datasheet
51Kb / 6P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD220 FAIRCHILD-IRFD220 Datasheet
91Kb / 7P
   0.8A, 200V, 0.800 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFF220 INTERSIL-IRFF220 Datasheet
325Kb / 7P
   3.5A, 200V, 0.800 Ohm, N-Channel Power MOSFET
IRF9640 INTERSIL-IRF9640 Datasheet
63Kb / 7P
   11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
   -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com