Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9230 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce IRF9230
Description  -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9230 Fiches technique(HTML) 4 Page - Intersil Corporation

  IRF9230 Datasheet HTML 1Page - Intersil Corporation IRF9230 Datasheet HTML 2Page - Intersil Corporation IRF9230 Datasheet HTML 3Page - Intersil Corporation IRF9230 Datasheet HTML 4Page - Intersil Corporation IRF9230 Datasheet HTML 5Page - Intersil Corporation IRF9230 Datasheet HTML 6Page - Intersil Corporation IRF9230 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6-4
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
TA, CASE TEMPERATURE (
oC)
0.0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
50
100
TC, CASE TEMPERATURE (
oC)
150
25
75
125
-10
-8
-6
-4
-2
IRF9230, IRF9231
IRF9232, IRF9233
10
t1, RECTANGULAR PULSE DURATION (s)
10-3
10-2
1
10-5
10-4
0.01
0.1
10-1
1
SINGLE PULSE
0.1
0.02
0.2
0.5
0.01
0.05
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
t1
t2
VDS, DRAIN TO SOURCE VOLTAGE (V)
-10
-100
-100
-1
-10
-1
-0.1
-1000
10
µs
100
µs
1ms
10ms
100ms
DC
TJ = MAX RATED
TC = 25
oC
OPERATION IN THIS AREA
IS LIMITED BY rDS(ON)
IRF9230, 1
IRF9230, 1
IRF9232, 3
IRF9232, 3
IRF9231, 3
IRF9230, 2
0
-10
-20
-30
-40
-3
-6
-9
-12
-15
-50
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = -4V
VGS = -6V
VGS = -7V
VGS = -9V
VGS = -8V
VGS = -10V
80
µs PULSE TEST
VGS = -5V
IRF9230, IRF9231, IRF9232, IRF9233


Numéro de pièce similaire - IRF9230

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
IRF9230 SAMSUNG-IRF9230 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9230 SEME-LAB-IRF9230 Datasheet
22Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
New Jersey Semi-Conduct...
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
More results

Description similaire - IRF9230

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
   -0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com