Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN352AP-HF-3 Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce FDN352AP-HF-3
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN352AP-HF-3 Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN352AP-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN352AP-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-1
uA
Gate-Body leakage current
IGSS
VDS=0V, VGS=±25V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA (Note.1)
-0.8
-2.5
V
VGS=-10V, ID=-1.3A (Note.1)
180
VGS=-4.5V, ID=-1.1A
(Note.1)
300
VGS=-4.5V, ID=-1.1A,TJ=125℃ (Note.1)
400
Forward Transconductance
gFS
VDS=-5V, ID=-0.9A
2
S
Input Capacitance
Ciss
150
Output Capacitance
Coss
40
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
1.4
1.9
Gate Source Charge
Qgs
0.5
Gate Drain Charge
Qgd
0.5
Turn-On DelayTime
td(on)
8
Turn-On Rise Time
tr
28
Turn-Off DelayTime
td(off)
18
Turn-Off Fall Time
tf
2
Body Diode Reverse Recovery Time
trr
17
Body Diode Reverse Recovery Charge
Qrr
7
nC
Maximum Body-Diode Continuous Current
IS
-0.42
A
Diode Forward Voltage
VSD
IS=-0.42A,VGS=0V
(Note.1)
-1.2
V
VGS=-10V, VDS=-10V, ID=-1A,RG=6Ω
(Note.1)
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-15V, f=1MHz
VGS=-4.5V, VDS=-10V, ID=-0.9A
(Note.1)
pF
nC
IF=-3.9A, dI/dt=100A/μs
ns
Note.1:Pulse Test: Pulse Width < 300 μs, Duty Cycle < 2.0%
Marking
Marking
52AP F
P-Channel MOSFET
FDN352AP-HF (KDN352AP-HF)


Numéro de pièce similaire - FDN352AP-HF-3

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
FDN352AP-HF KEXIN-FDN352AP-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Description similaire - FDN352AP-HF-3

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com