Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF422 Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce IRF422
Description  2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF422 Fiches technique(HTML) 4 Page - Intersil Corporation

  IRF422 Datasheet HTML 1Page - Intersil Corporation IRF422 Datasheet HTML 2Page - Intersil Corporation IRF422 Datasheet HTML 3Page - Intersil Corporation IRF422 Datasheet HTML 4Page - Intersil Corporation IRF422 Datasheet HTML 5Page - Intersil Corporation IRF422 Datasheet HTML 6Page - Intersil Corporation IRF422 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-4
Typical Performance Curves TC = 25oC Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
150
25
2.5
2.0
1.5
0
1.0
0.5
IRF422, IRF423
125
IRF420, IRF421
10
1
0.1
0.01
10-2
10-5
10-4
10-3
0.1
1
10
SINGLE PULSE
t1, RECTANGULAR PULSE DURATION (s)
0.5
0.2
0.1
0.05
0.01
0.02
NOTES:
DUTY FACTOR: D = t1/t2
TJ = PDM x ZθJC + TC
PDM
t1
t2
10
1
103
110
102
0.1
VDS , DRAIN TO SOURCE VOLTAGE (V)
IRF422/3
IRF420/1
IRF422/3
IRF420/1
IRF421/3
IRF420/2
10
µs
100
µs
1ms
DC
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
TC = 25
oC
TJ = MAX RATED
SINGLE PULSE
10ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
50
100
150
200
0
250
5
4
3
0
2
VGS = 10V
VGS = 6V
VGS = 5.5V
VGS = 5V
VGS = 4.5V
VGS = 4V
80
µs PULSE TEST
1
IRF420, IRF421, IRF422, IRF423


Numéro de pièce similaire - IRF422

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
IRF422 SAMSUNG-IRF422 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF422 FAIRCHILD-IRF422 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
New Jersey Semi-Conduct...
IRF422 NJSEMI-IRF422 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF422 ISC-IRF422 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF422 ARTSCHIP-IRF422 Datasheet
381Kb / 5P
   N-Channel Power MOSFETs
More results

Description similaire - IRF422

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
   2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com