Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1041A Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADM1041A_15 Datasheet HTML 10Page - Analog Devices ADM1041A_15 Datasheet HTML 11Page - Analog Devices ADM1041A_15 Datasheet HTML 12Page - Analog Devices ADM1041A_15 Datasheet HTML 13Page - Analog Devices ADM1041A_15 Datasheet HTML 14Page - Analog Devices ADM1041A_15 Datasheet HTML 15Page - Analog Devices ADM1041A_15 Datasheet HTML 16Page - Analog Devices ADM1041A_15 Datasheet HTML 17Page - Analog Devices ADM1041A_15 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
ADM1041A
Rev. 0 | Page 14 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM1041A
TOP VIEW
(Not to Scale)
VDD 1
VLS/CS–/FS 2
CS+ 3
CCMP 4
VCMP 5
SHRO
SHRS+
SCMP
VS+
VS–/SHRS–
24
23
22
21
20
FD 6
GND
7
ICT
8
PULSE/ACSENSE1/MON1 9
FG
AC_OK/OTP/MON5
DC_OK/MON4
PSON/MON3
19
18
17
16
ACSENSE2/MON2 10
CBD/ALERT 11
PEN 12
ADD0
SDA/PSONLINK
SCL/AC_OKLink
15
14
13
Figure 7. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD
Positive Supply for the ADM1041A. Normal range is 4.5 V to 5.5 V. Absolute maximum rating is 6.5 V.
2
VLS/CS–/FS
Inverting Differential Current Sense Input, Local Voltage Sense Pin, and OrFET Source. These three functions
are served by a common divider. The local voltage sense input is used for local overvoltage and undervoltage
sensing. This pin also provides an input to the false UV clamp that prevents shutdown during an external load
overvoltage condition. When supporting an OrFET circuit, this pin represents the FET source and is the
inverting input of a differential amplifier looking for the presence of a reverse voltage across the FET, which
might indicate a failure mode.
3
CS+
Noninverting Differential Current Sense Input. The differential sensitivity of CS+ and CS– is normally around 10
mV to 40 mV at the input to the ADM1041A. Nulling any external divider offset is achieved by injecting a
trimmable amount of current into either the inverting or noninverting input of the second stage of the
current sense amplifier. A compensation circuit is used to ensure the amount of current for zero-offset tracks
the common-mode voltage. Nulling of any amplifier offset is done in a similar manner except that it does not
track the common-mode voltage.
4
CCMP
Current Error Amplifier Compensation. This pin is the output of the current limit transconductance error
amplifier. A series resistor and a capacitor to ground are required for loop compensation.
5
VCMP
Voltage Error Amplifier Compensation. This is the output of a voltage error transconductance amplifier.
Compensate with a series capacitor and resistor to ground. An external emitter-follower or buffer is typically
used to drive an optocoupler. Output voltage positioning may be obtained by placing a second resistor
directly to ground. Refer to Analog Devices applications notes on voltage positioning.
6
FD
A divider from the OrFET drain is connected here. A differential amplifier is then used to detect the presence
of a reverse voltage across the FET, which indicates a fault condition and causes the OrFET gate to be pulled
low.
7
GND
Ground. This pin is double bonded for extra reliability. If the ground pin goes positive with respect to the
remote sense return (VS–) for a sustained period indicating that the negative remote sense line is
disconnected, PEN is disabled.
8
ICT
Input for Current Transformer. The sensitivity of this pin is suitable for the typical 0.5 V to 1 V signal that is
normally available. If this function is enabled, the CS+ amplifier is disabled. This pin is also used for extended
SMBus addressing, that is, pulled below ground to allow additional SMBus addresses.
9
PULSE/ACSENSE1/
MON1
Pulse Present, AC/Bulk Sense 1, or Monitor 1 Input.
PULSE: This tells the OrFET circuit that the voltage from the power transformer is normal. A peak hold allows
the OrFET circuit to pass through the pulse skipping that occurs with very light loads, but turns off the circuit
about one second after the last pulse is recognized.
ACSENSE1: This sense function also uses the peak voltage on this pin to measure the bulk capacitor voltage. If
too low, AC_OK and DC_OK can warn of an imminent loss of power. Threshold level and hysteresis can be
trimmed. When not selected, ACSENSE1 defaults to true.
MON1: When MON1 is selected for this pin, its input is compared against a 1.25 V comparator that could be
used for monitoring a postregulated output; includes overvoltage, undervoltage, and overtemperature
conditions.


Numéro de pièce similaire - ADM1041A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
More results

Description similaire - ADM1041A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com