Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1041A Fiches technique(PDF) 38 Page - Analog Devices

No de pièce ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Fiches technique(HTML) 38 Page - Analog Devices

Back Button ADM1041A_15 Datasheet HTML 34Page - Analog Devices ADM1041A_15 Datasheet HTML 35Page - Analog Devices ADM1041A_15 Datasheet HTML 36Page - Analog Devices ADM1041A_15 Datasheet HTML 37Page - Analog Devices ADM1041A_15 Datasheet HTML 38Page - Analog Devices ADM1041A_15 Datasheet HTML 39Page - Analog Devices ADM1041A_15 Datasheet HTML 40Page - Analog Devices ADM1041A_15 Datasheet HTML 41Page - Analog Devices ADM1041A_15 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
ADM1041A
Rev. 0 | Page 38 of 56
REGISTER LISTING
Table 8.
Register Address
Name
Power-On Value
Factory EEPROM Value
00h/2Ah
Status1/Status1 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
01h/2Bh
Status2/Status2 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
02h/2Ch
Status3/Status3 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
03h
Calibration Bits
From EEPROM Register 8103h
00h
04h
Current Sense CC
From EEPROM Register 8104h
00h
05h
Current Share Offset
From EEPROM Register 8105h
00h
06h
Current Share Slope
From EEPROM Register 8106h
FEh
07h
EEPROM_lock
From EEPROM Register 8107h
20h
08h
Load OV Fine
From EEPROM Register 8108h
00h
09h
Local UVP Trim
From EEPROM Register 8109h
00h
0Ah
Local OVP Trim
From EEPROM Register 810Ah
00h
0Bh
OTP Trim
From EEPROM Register 810Bh
00h
0Ch
ACSNS Trim
From EEPROM Register 810Ch
00h
0Dh
Config1
From EEPROM Register 810Dh
00h
0Eh
Config2
From EEPROM Register 810Eh
00h
0Fh
Config3
From EEPROM Register 810Fh
00h
10h
Config4
From EEPROM Register 8110h
00h
11h
Config5
From EEPROM Register 8111h
00h
12h
Config6
From EEPROM Register 8112h
00h
13h
Config7
From EEPROM Register 8113h
00h
14h
Current Sense Divider Error Trim
From EEPROM Register 8114h
XXh – Factory Cal Value
15h
Current Sense Amplifer Offset Trim
From EEPROM Register 8115h
XXh – Factory Cal Value
16h
Current Sense Options 1
From EEPROM Register 8116h
XXh – Factory Cal Value
17h
Current Sense Options 2
From EEPROM Register 8117h
XXh – Factory Cal Value
18h
UV Clamp Trim
From EEPROM Register 8118h
00h
19h
Load VoltageTrim
From EEPROM Register 8119h
00h
1Ah
Sel CBD/SMBAlert1
From EEPROM Register 811Ah
00h
1Bh
Sel CBD/SMBAlert2
From EEPROM Register 811Bh
00h
1Ch
Manufacturer’s ID
41h—Hardwired by manufacturer
1Dh
Revision Register
Xh—Hardwired by Manufacturer
20h–29h
Reserved for Manufacturer
2Ah
Status1 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
2Bh
Status2 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
2Ch
Status3 Mirror Latched
XXh—Depends on status of ADM1041A at
power-up.
2Dh–2Eh
Reserved for Manufacturer
8000h–81FFh
EEPROM


Numéro de pièce similaire - ADM1041A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
More results

Description similaire - ADM1041A_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com