Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPC29S00 Fiches technique(PDF) 3 Page - NEC

No de pièce UPC29S00
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPC29S00 Fiches technique(HTML) 3 Page - NEC

  UPC29S00 Datasheet HTML 1Page - NEC UPC29S00 Datasheet HTML 2Page - NEC UPC29S00 Datasheet HTML 3Page - NEC UPC29S00 Datasheet HTML 4Page - NEC UPC29S00 Datasheet HTML 5Page - NEC UPC29S00 Datasheet HTML 6Page - NEC UPC29S00 Datasheet HTML 7Page - NEC UPC29S00 Datasheet HTML 8Page - NEC UPC29S00 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPC29S00 Series
Data Sheet G12905EJ4V0DS00
3
TYPICAL CONNECTION
D1
PC29S00
INPUT
ON/OFF
COUT
CIN
D2
+
µ
OUTPUT
Note
CIN
: 0.1 to 0.47
µF. Be sure to connect to prevent abnormal oscillation. For using capacitors, film capacitors
whose voltage and temperature characteristics are excellent are recommended. Take care that some
monolithic ceramic capacitor is inferior in the temperature and voltage characteristics. When using the
monolithic ceramic capacitor, the CIN needs to be held these capacities in voltage and temperature used.
COUT
: 10
µF or higher. Be sure to connect to prevent oscillation and to improve the transient load stabilization.
Remark Connect the CIN and COUT to IC pins as close as possible (2 cm or less).
D1
: Need for VO > VIN
D2
: Need a shottky barrier diode for VO < GND.
Note When output is off (VON/OFF = low level), OUTPUT pin should not be supplied higher voltage than VIN voltage
from external.
Caution When using the
µPC29S78GR and µPC29S10GR, design your circuit and mounting with consid-
eration for heat radiation.


Numéro de pièce similaire - UPC29S00

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPC29S00 RENESAS-UPC29S00 Datasheet
295Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2003
More results

Description similaire - UPC29S00

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
   Low-Dropout Voltage Regulator with Reset and On-Off Function
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
   3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com