Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ181S Fiches technique(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SJ181S
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SJ181S Fiches technique(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SJ181S_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SJ181S_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SJ181S_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2SJ181S_15 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel MOSFET
2SJ181S
Typical Characterisitics
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
2
1
0.2
0.5
0.1
0.02
0.05
–0.05 –0.1 –0.2
–0.5 –1
–2
–5
V
= –20 V
Pulse Test
DS
Tc = –25 °C
75 °C
25 °C
Reverse Drain Current I
(A)
DR
Body–Drain Diode Reverse
Recovery Time
1000
200
500
100
20
50
10
–0.05 –0.1 –0.2
–0.5 –1
–2
–5
di / dt = 100 A / µs
V
= 0, Ta = 25 °C
GS
Drain Current I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
500
200
100
20
50
10
5
–0.02 –0.05 –0.1 –0.2
–0.5
–1
–2
–15 V
V
= –10 V
GS
Pulse Test
40
32
24
16
8
–40
0
40
80
120
160
Case Temperature Tc (°C)
0
Static Drain to Source on State Resistance
vs. Temperature
GS
Pulse Test
V
= –10 V
–0.1 A
–0.2 A
D
I = –0.5 A
0
–200
–400
–600
–800
0
Gate Charge
Qg (nc)
0
–4
–8
–12
–16
–20
–1000
Dynamic Input Characteristics
4
8
12
16
20
DS
V
GS
V
I = –0.5 A
D
V
= –100 V
–250 V
–400 V
DD
V
= –100 V
–250 V
–400 V
DD
500
200
100
50
20
10
5
Drain Current I
(A)
D
Switching Characteristics
–0.05 –0.1 –0.2
–0.5 –1
–2
–5
t f
r
t
d(off)
t
d(on)
t
V
= –10 V, V
= –30 V
PW = 5 µs, duty < 1 %
GS
DD


Numéro de pièce similaire - 2SJ181S_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SJ181STL-E RENESAS-2SJ181STL-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ181STR-E RENESAS-2SJ181STR-E Datasheet
121Kb / 7P
   Silicon P Channel MOS FET
More results

Description similaire - 2SJ181S_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com