Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS-565ARH Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce HS-565ARH
Description  Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-565ARH Fiches technique(HTML) 5 Page - Intersil Corporation

  HS-565ARH Datasheet HTML 1Page - Intersil Corporation HS-565ARH Datasheet HTML 2Page - Intersil Corporation HS-565ARH Datasheet HTML 3Page - Intersil Corporation HS-565ARH Datasheet HTML 4Page - Intersil Corporation HS-565ARH Datasheet HTML 5Page - Intersil Corporation HS-565ARH Datasheet HTML 6Page - Intersil Corporation HS-565ARH Datasheet HTML 7Page - Intersil Corporation HS-565ARH Datasheet HTML 8Page - Intersil Corporation HS-565ARH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Specifications HS-565ARH
Settling Time (Note 3)
TS1
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
High Z External Load
1
-55oC to +125oC
-
350
500
ns
TS2
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V,
75
Ω External Load
1
-55oC to +125oC
-
150
250
ns
Full Scale Transition
Rise Time
TRISE
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1
-55oC to +125oC
-
15
30
ns
Fall Time
TFALL
VSSD = VSSA = 0V,
VCC = +15V, VEE = -15V
1
-55oC to +125oC
-
30
60
ns
NOTES:
1. The parameters listed in Table 3 are controlled via design or process and are not tested. These parameters are characterized upon initial
design release.
2. 24 lead DIP package only.
3. Reference the Settling Time discussion and Figure 3.
TABLE 4. POST 100 K RAD ELECTRICAL PERFORMANCE
Post 100K RAD Electrical Performance Is Per Table 1 (+25oC Only) Except As Follows:
PARAMETER
SYMBOL
CONDITIONS: +25oC ONLY
LIMITS
UNITS
MIN
MAX
DIGITAL INPUTS
Low Current
IIL
VIN = 0.0V
-40
-
µA
Low Voltage
VIL
(Note 1)
-
0.5
V
High Voltage
VIH
(Note 1)
2.5
-
V
UNIPOLAR
Full Scale Error
AE
Figure 3, R2 = 50
Ω Fixed
-
±0.85
% of F.S.
BIPOLAR
Offset Error
BPOE
Figure 4, R3 and R4 = 50
Ω Fixed
-
±0.25
% of F.S
Zero Error
BPZE
Figure 5, R3 and R4 = 50
Ω Fixed
-
±0.25
% of F.S.
Full Scale Error
BPAE
Figure 5, R3 and R4 = 50
Ω Fixed
-
±0.85
% of F.S.
Differential Nonlinearity
DLE
Monotonicity Guaranteed
-
±1.0
LSB
Accuracy
ILE
Error Relative to Full Scale
-
±1.0
LSB
NOTES:
1. This parameter is an applied condition of test.
TABLE 5. BI DELTA PARAMETERS (
±25oC)
PARAMETER
DELTA LIMIT
ICC
±1.18mA
IEE
±1.45mA
IOUT1
±240µA
IOUT2
±240µA
VOS
±0.02%
AE
±0.15%
BPOE
±0.10%
BPZE
±0.10%
IIL
±1.0µA
IIH
±40nA
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETERS
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
TYP
MAX
Spec Number
518795


Numéro de pièce similaire - HS-565ARH

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HS-565ARH INTERSIL-HS-565ARH Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
More results

Description similaire - HS-565ARH

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HS-565BRH INTERSIL-HS-565BRH_12 Datasheet
432Kb / 9P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH INTERSIL-HS-565ARH_00 Datasheet
127Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565ARH-T INTERSIL-HS-565ARH-T Datasheet
85Kb / 6P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-565BRH INTERSIL-HS-565BRH Datasheet
169Kb / 7P
   Radiation Hardened High Speed, Monolithic Digital-to-Analog Converter
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Analog Devices
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
logo
Renesas Technology Corp
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com