Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4490DY Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce SI4490DY
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4490DY Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4490DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4490DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4490DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4490DY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
SI4490DY (KI4490DY)
Features
VDS (V) = 200V
ID = 4A (VGS = 10V)
RDS(ON) < 80mΩ (VGS = 10V)
RDS(ON) < 90mΩ (VGS = 6V)
1 Source
2 Source
3 Source
4 Gate
5 Drain
6 Drain
7 Drain
8 Drain
SOP-8
1.50 0.15
D
G
S
Absolute Maximum Ratings Ta = 25℃
Symbol
10S
Steady State
Unit
VDS
VGS
TA=25℃
4
2.85
TA=70℃
3.2
2.3
IDM
Avalanch Current
L=0.1mH
IAS
TA=25℃
3.1
1.56
TA=70℃
2
1
RthJA
40
80
RthJF
21
TJ
Tstg
40
15
150
-55 to 150
Junction Temperature
Storage Temperature Range
PD
W
Power Dissipation
*1
/W
Thermal Resistance.Junction- to-Ambient
*1
Thermal Resistance.Junction- to-Foot
V
A
Pulsed Drain Current
Parameter
Continuous Drain Current (TJ=150℃) *1
ID
Drain-Source Voltage
Gate-Source Voltage
200
±
20
*1: Surface Mounted on 1" x 1" FR4 board.
Marking
4490
KC****
Marking


Numéro de pièce similaire - SI4490DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4490DY VISHAY-SI4490DY Datasheet
44Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 26-May-03
SI4490DY VISHAY-SI4490DY Datasheet
199Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 23-Jan-0
SI4490DY VISHAY-SI4490DY Datasheet
234Kb / 8P
   N-Channel 200-V (D-S) MOSFET
Rev. C, 27-Apr-09
SI4490DY VISHAY-SI4490DY Datasheet
165Kb / 7P
   N-Channel 200-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
SI4490DY-HF KEXIN-SI4490DY-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Description similaire - SI4490DY

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com