Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4410DY Fiches technique(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce SI4410DY
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4410DY Fiches technique(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4410DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4410DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4410DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4410DY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
N-Channel MOSFET
SI4410DY (KI4410DY)
Typical Characterisitics
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.02
0.04
0.06
0.08
0.10
0
2
4
6
8
10
0
20
40
60
80
0.01
0.10
1.00
10.00
On-Resistance vs. Gate-to-Source Voltage
Threshold V oltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10 -4
10 -3
10 -2
10 -1
1
10
30
VGS - Gate-to-Source Voltage (V)
TJ - Temperature (
)
c
e
s
(
e
m
i
T
)
C
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
- 0.0
0.2
0.4
0.6
- 50
- 25
0
25
50
75
100
125
150
ID = 10 A
ID = 250 A
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = R thJA= 50 C/W
3. TJM - TA = PDMZthJA(t)
t1
t 2
t1
t2
Notes:
4. Surface Mounted
P DM
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
40
T J = 25 C
T J = 150 C


Numéro de pièce similaire - SI4410DY

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
logo
Fairchild Semiconductor
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
logo
Vishay Siliconix
SI4410DY VISHAY-SI4410DY Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. L, 03-May-04
logo
International Rectifier
SI4410DY IRF-SI4410DY Datasheet
95Kb / 8P
   HEXFET Power MOSFET
logo
NXP Semiconductors
SI4410DY NXP-SI4410DY Datasheet
376Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03 ??4 December 2009
More results

Description similaire - SI4410DY

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com