Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN5630-3 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce FDN5630-3
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FDN5630-3 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FDN5630-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd FDN5630-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
N-Channel MOSFET
FDN5630 (KDN5630)
Features
VDS (V) = 60V
ID = 1.7 A (VGS = 10V)
RDS(ON) < 100mΩ (VGS = 10V)
RDS(ON) < 120mΩ (VGS = 6V)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Gate
2. Source
3. Drain
0.15 +0.02
-0.02
G
S
D
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
Gate-Source Voltage
VGS
±
20
Continuous Drain Current
(Note.1)
ID
1.7
Pulsed Drain Current
IDM
10
Power Dissipation
(Note.1)
0.5
(Note.2)
0.46
Thermal Resistance.Junction- to-Ambient (Note.1)
RthJA
250
Thermal Resistance.Junction- to-Case
RthJC
75
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
PD
W
/W
V
A
Note.1: 250°C/W when mounted on a 0.02 in Pad of 2 oz. Cu.
Note.2: 270°C/W when mounted on a minimum pad.
2


Numéro de pièce similaire - FDN5630-3

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDN5630-NL VBSEMI-FDN5630-NL Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Description similaire - FDN5630-3

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com