Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM-AMC-AMS-162 Datasheet(Fiches technique) 1 Page - M/A-COM Technology Solutions, Inc.

Numéro de pièce AM-AMC-AMS-162
Description  Low Noise Amplifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-AMC-AMS-162 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-AMC-AMS-162_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-AMC-AMS-162_15 Datenblatt HTML 2Page - M/A-COM Technology Solutions, Inc. AM-AMC-AMS-162_15 Datenblatt HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier, 12.5 dB Gain,
10 - 100 MHz
Rev. V5
AM- / AMC- / AMS-162
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 1.1 dB Typical Low Noise Figure @ 50 MHz
• +15 dBm Typical High Output Power @ 50 MHz
+32 dBm Typical Third Order Intercept @ 50 MHz
• Fully Hermetic Package (AM-162, AMS-162)
Description
M/A-COM’s AM-162 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a TO-8-1 package, a surface mount
package and a connectorized version. The ground
plane on the PC board should be configured to
remove heat from under the package. AM-162 are
ideally suited for use where a high intercept, high
reliability amplifier is required.
TO-8-1
Pin No.
Function
Pin No.
Function
1
RF OUT
3
RF IN
2
VDC
4
GND
Pin Configuration (For AMS-162)
SF-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn