Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAUMER_VLG_20C Fiches technique(PDF) 1 Page - Baumer IVO GmbH & Co. KG

No de pièce BAUMER_VLG_20C
Description  Gigabit Ethernet, 2,0 Megapixel, Color
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

BAUMER_VLG_20C Fiches technique(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  BAUMER_VLG_20C Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VLG-20C
Gigabit Ethernet, 2,0 Megapixel, Color
Article number: 11099358
Industrial cameras
VLG-20C
1 / 1
www.baumer.com
page
Data sheet
Industrial cameras
VLG-20C
Gigabit Ethernet, 2,0 Megapixel, Color
Article number: 11099358
sensor information
sensor
SONY ICX274
type
1/1.8” progressive scan CCD
resolution
1624 × 1228 px
exposure time
0,004 ... 60000 ms
pixel size
4.4 × 4.4 µm
acquisition formats
image formats,
frame rate max.
Full Frame, 1624 x 1228 px, max. 27.0 fps
pixel formats
Mono 8
BayerRG8
BayerRG12
RGB8 Packed
BGR8 Packed
YUV411 Packed
YUV422 Packed
YUV444 Packed
image pre-processing
analog controls
Gain (0 … 26 dB)
Offset (0 … 1023 LSB 14 Bit)
color models
RGB
YUV
Mono
color processing
Integrated color processor for high quality color
calculation
interfaces and connectors
data interface
Gigabit Ethernet, Transfer rate 1000 Mbits/sec,
Fast Ethernet, Transfer Rate 100 Mbits/sec,
Connector: 8P8C Modular Jack (RJ45), screw
lock type
process interface
SACC-DSI-M8FS-3CON-M10-L180 SH
power supply
SACC-DSI-M 8MS-6CON-L180 SH
mechanical data
material
aluminum, IP 40
lens mount
C-mount
mechanical data
width
33 mm
height
33 mm
depth
48 mm
weight
≤ 90 g
electrical data
voltage supply
range +Vs
12 ... 24 V DC (external power supply)
36 ... 57 V DC (Power over Ethernet)
power consumption approx. 4.3 W @ 12 VDC and 27.0 fps
approx. 4.7 W @ 48 VDC (PoE) and 27.0 fps
environmental conditions
operating
temperature
+5 … +50 °C
humidity
10 … 90 % (non-condensing)
protection class
IP 40
digital I/Os
lines
1 input line
3 output lines
dimension drawing


Numéro de pièce similaire - BAUMER_VLG_20C

FabricantNo de pièceFiches techniqueDescription
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLG_20M IVO-BAUMER_VLG_20M Datasheet
358Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Monochrome
More results

Description similaire - BAUMER_VLG_20C

FabricantNo de pièceFiches techniqueDescription
logo
Baumer IVO GmbH & Co. K...
BAUMER_VLG_22C IVO-BAUMER_VLG_22C Datasheet
358Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Color
BAUMER_VLG_20M IVO-BAUMER_VLG_20M Datasheet
358Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Monochrome
BAUMER_VLG_22M IVO-BAUMER_VLG_22M Datasheet
357Kb / 1P
   Gigabit Ethernet, 2,0 Megapixel, Monochrome
BAUMER_VLG_40C IVO-BAUMER_VLG_40C Datasheet
358Kb / 1P
   Gigabit Ethernet, 4,0 Megapixel, Color
BAUMER_VLG_12M IVO-BAUMER_VLG_12M Datasheet
358Kb / 1P
   Gigabit Ethernet, 1,2 Megapixel, Monochrome
BAUMER_VLG_40M IVO-BAUMER_VLG_40M Datasheet
357Kb / 1P
   Gigabit Ethernet, 4,0 Megapixel, Monochrome
BAUMER_VLG_02C IVO-BAUMER_VLG_02C Datasheet
429Kb / 1P
   Gigabit Ethernet, VGA, Color
BAUMER_VLG_12C IVO-BAUMER_VLG_12C Datasheet
359Kb / 1P
   Gigabit Ethernet, 1,2 Megapixels, Color
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com