Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB08N04J3 Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce MTB08N04J3
Description  N -Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB08N04J3 Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  MTB08N04J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB08N04J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C892J3
Issued Date : 2014.05.29
Revised Date :
Page No. : 5/9
MTB08N04J3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
NormalizedThreshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
ID, Drain Current(A)
VDS=5V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Total Gate Charge---Qg(nC)
VDS=20V
ID=20A
Maximum Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
100μs
1s
RDS(ON)
Limited
TC=25°C, Tj=150°, VGS=10V
RθJC=2.5°C/W, Single Pulse
Maximum Drain Current vs Case Temperature
0
10
20
30
40
50
60
70
25
50
75
100
125
150
175
TC, Case Temperature(°C)
VGS=10V, RθJC=2.5°C/W


Numéro de pièce similaire - MTB08N04J3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB080C10Q8 CYSTEKEC-MTB080C10Q8 Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080C10Q8-0-T3-G CYSTEKEC-MTB080C10Q8-0-T3-G Datasheet
475Kb / 12P
   N- and P-channel enhancement mode power MOSFET
MTB080N15J3 CYSTEKEC-MTB080N15J3 Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080N15J3-0-T3-G CYSTEKEC-MTB080N15J3-0-T3-G Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB08N04J3

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com