Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTBA6C12Q8-0-T3-G Fiches technique(PDF) 7 Page - Cystech Electonics Corp.

No de pièce MTBA6C12Q8-0-T3-G
Description  N- AND P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA6C12Q8-0-T3-G Fiches technique(HTML) 7 Page - Cystech Electonics Corp.

Back Button MTBA6C12Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 10Page - Cystech Electonics Corp. MTBA6C12Q8-0-T3-G Datasheet HTML 11Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C973Q8
Issued Date : 2014.09.23
Revised Date :
Page No. : 7/12
MTBA6C12Q8
CYStek Product Specification
Typical Characteristics : Q2( P-channel)
Typical Output Characteristics
0
2
4
6
8
01
23
4
5
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-VDS, Drain-Source Voltage(V)
-10V
-9V
-8V
-7V
-6V
-5V
-4V
-3.5V
-3V
VGS=-2.5V
Static Drain-Source On-State resistance vs Drain Current
100
1000
0.01
0.1
1
10
100
-ID, Drain Current(A)
VGS=-4.5V
VGS=-3V
VGS=-10V
VGS=-2.5V
ID=-250μA,
V =0V
GS
Source Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
024
68
10
-IS, Source Drain Current(A)
VGS=0V
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
100
200
300
400
500
600
700
800
900
1000
02
46
8
1
-VGS, Gate-Source Voltage(V)
0
ID=-1.5A
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25 50
75 100 125 150 175 200
Tj, Junction Temperature(°C)
VGS=-10V, ID=-1.5A
RDS(ON)@Tj=25°C : 246mΩ typ.
 


Numéro de pièce similaire - MTBA6C12Q8-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTBA6C12H8 CYSTEKEC-MTBA6C12H8 Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
1Mb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8-0-T6-G CYSTEKEC-MTBA6C12H8-0-T6-G Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12H8 CYSTEKEC-MTBA6C12H8_16 Datasheet
701Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTBA6C12Q8-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTC5806V8 CYSTEKEC-MTC5806V8 Datasheet
507Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA6C15Q8 CYSTEKEC-MTBA6C15Q8 Datasheet
484Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTB25C04Q8 CYSTEKEC-MTB25C04Q8 Datasheet
489Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC2790KQ8 CYSTEKEC-MTC2790KQ8 Datasheet
478Kb / 13P
   N- And P-Channel Logic Level Enhancement Mode MOSFET
MTC5806V8 CYSTEKEC-MTC5806V8_16 Datasheet
878Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC380Q8 CYSTEKEC-MTC380Q8 Datasheet
378Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com