Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM1316 Fiches technique(PDF) 2 Page - KODENSHI_AUK CORP.

No de pièce SM1316
Description  CHip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KODENSHI [KODENSHI_AUK CORP.]
Site Internet  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SM1316 Fiches technique(HTML) 2 Page - KODENSHI_AUK CORP.

  SM1316 Datasheet HTML 1Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 2Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 3Page - KODENSHI_AUK CORP. SM1316 Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AUK CORP.
SM1316
The contents of this data sheet are subject to change without advance notice for the purpose of improvement.
When using this product, would you please refer to the latest specifications.
Rev.Odate:08-AUG-11
AUK-LDM-001(A)
4. Absolute Maximum Ratings
(Ta=25
oC)
Characteristic
Symbol
Rating
Unit
Power dissipation
PD
60
mW
Forward current
IF
25
mA
*1 Peak forward current
IFP
50
mA
Reverse voltage
VR
4
V
Operating temperature range
Topr
-25
∼80
Storage temperature range
Tstg
-30
∼100
*2 Soldering temperature
Tsol
240
℃ for 10 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Recommended reflow soldering temperature profile
- Preheating 150
℃ to 185℃ within 120 seconds soldering 240℃ within 10 seconds
Gradual cooling (Avoid quenching)
max. 10sec
Temp (
℃)
Time (sec)
185
150
240
Peak Temp max. 240
Preheating area
150~185
℃, 90±30sec
max. 3
℃/sec
25
Time from 25
℃ to Peak Temperature max. 6min
Solder area
220
℃, max. 60sec
max. 4
℃/sec
max. -6
℃/sec
240
180
150
60
0


Numéro de pièce similaire - SM1316

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
   Chip LED Lamp
SM1316 AUK-SM1316 Datasheet
200Kb / 5P
   Chip LED
logo
Stealth Microwave, Inc.
SM1316-42L STEALTH_MICROWAVE-SM1316-42L Datasheet
130Kb / 3P
   1300-1600 MHz 16 Watt Ultra Linear Power Amplifier
logo
AUK corp
SM1316-D AUK-SM1316-D Datasheet
263Kb / 4P
   Chip LED Lamp
SM1316-D AUK-SM1316-D Datasheet
201Kb / 5P
   Chip LED
More results

Description similaire - SM1316

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SM2233-D AUK-SM2233-D Datasheet
206Kb / 4P
   Chip LED
SM2333 AUK-SM2333 Datasheet
171Kb / 4P
   Chip LED
SR2332-V AUK-SR2332-V Datasheet
173Kb / 4P
   Chip LED
SR2333-V AUK-SR2333-V Datasheet
204Kb / 4P
   Chip LED
SA1316 AUK-SA1316_1 Datasheet
191Kb / 5P
   Chip LED
SM1316-L AUK-SM1316-L_1 Datasheet
200Kb / 5P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-460-34 EPIGAP-ELC-460-34 Datasheet
101Kb / 1P
   LED - Chip
logo
Everlight Electronics C...
24-21UYC EVERLIGHT-24-21UYC Datasheet
156Kb / 9P
   Chip LED
logo
EPIGAP optoelectronic G...
ELC-525-31-2 EPIGAP-ELC-525-31-2 Datasheet
30Kb / 1P
   LED - Chip
ELC-595-29-50 EPIGAP-ELC-595-29-50 Datasheet
85Kb / 1P
   LED - Chip
ELC-635-14-3 EPIGAP-ELC-635-14-3 Datasheet
99Kb / 1P
   LED - Chip
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com