Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4212L Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADF4212L
Description  Dual Low Power PLL Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4212L Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADF4212L_15 Datasheet HTML 5Page - Analog Devices ADF4212L_15 Datasheet HTML 6Page - Analog Devices ADF4212L_15 Datasheet HTML 7Page - Analog Devices ADF4212L_15 Datasheet HTML 8Page - Analog Devices ADF4212L_15 Datasheet HTML 9Page - Analog Devices ADF4212L_15 Datasheet HTML 10Page - Analog Devices ADF4212L_15 Datasheet HTML 11Page - Analog Devices ADF4212L_15 Datasheet HTML 12Page - Analog Devices ADF4212L_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADF4212L
Rev. E | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0
–5
–10
–15
–20
–25
–30
0
500
1000
1500
2000
FREQUENCY (MHz)
2500
3000
VDD = 3V
VP = 5V
Figure 5. Input Sensitivity (RF Input)
0
–5
–10
–15
–20
–25
–30
0
500
1000
1500
FREQUENCY (MHz)
–35
VDD = 3V
VP = 5V
Figure 6. Input Sensitivity (IF Input)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2k
–1k
1.75G
1k
2k
FREQUENCY (Hz)
REFERENCE
LEVEL = –3.2dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
–84.2dBc/Hz
Figure 7. Phase Noise, RF Side (1750 MHz, 200 kHz, 20 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–400k
–200k
1.75G
200k
400k
REFERENCE
LEVEL = –3.0dBm
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1Hz
VIDEO BANDWIDTH = 1Hz
SWEEP = 2.5 SECONDS
AVERAGES = 20
–85.9dB
FREQUENCY (Hz)
Figure 8. Reference Spurs, RF Side (1750 MHz, 200 kHz, 20 kHz)
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
100Hz
FREQUENCY OFFSET
FROM 1.75GHz CARRIER
1.38° RMS
10dB/DIV
RMS NOISE = 1.38 DEGREES
RL = –50dBc/Hz
1MHz
Figure 9. Integrated Phase Noise (1750 MHz, 200 kHz/20 kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–2k
–1k
540M
1k
2k
REFERENCE
LEVEL = –4.3dBm
–88.8dBc/Hz
FREQUENCY (Hz)
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 22
Figure 10. Phase Noise, IF Side (540 MHz, 200 kHz/20 kHz)


Numéro de pièce similaire - ADF4212L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4212LBCP AD-ADF4212LBCP Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
ADF4212LBRU AD-ADF4212LBRU Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
More results

Description similaire - ADF4212L_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com