Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4113BCHIPS Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADF4113BCHIPS
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4113BCHIPS Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADF4113BCHIPS Datasheet HTML 5Page - Analog Devices ADF4113BCHIPS Datasheet HTML 6Page - Analog Devices ADF4113BCHIPS Datasheet HTML 7Page - Analog Devices ADF4113BCHIPS Datasheet HTML 8Page - Analog Devices ADF4113BCHIPS Datasheet HTML 9Page - Analog Devices ADF4113BCHIPS Datasheet HTML 10Page - Analog Devices ADF4113BCHIPS Datasheet HTML 11Page - Analog Devices ADF4113BCHIPS Datasheet HTML 12Page - Analog Devices ADF4113BCHIPS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADF4110/ADF4111/ADF4112/ADF4113
Rev. F | Page 9 of 28
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–400kHz
–200kHz
900MHz
200kHz
400kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 20kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5s
AVERAGES = 30
REFERENCE
LEVEL = –4.2dBm
–90.2dBc/Hz
Figure 11. ADF4113 Reference Spurs (900 MHz, 200 kHz, 20 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–400kHz
–200kHz
900MHz
200kHz
400kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 35kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 2.5s
AVERAGES = 30
REFERENCE
LEVEL = –4.2dBm
–89.3dBc/Hz
Figure 12. ADF4113 (900 MHz, 200 kHz, 35 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–400Hz
–200Hz
1750MHz
200Hz
400Hz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 477ms
AVERAGES = 10
REFERENCE
LEVEL = –8.0dBm
–75.2dBc/Hz
Figure 13. ADF4113 Phase Noise (1750 MHz, 30 kHz, 3 kHz)
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY OFFSET FROM 1750MHz CARRIER (Hz)
1k
100
10k
100k
1M
RMS NOISE = 1.6°
RL = –40dBc/Hz
Figure 14. ADF4113 Integrated Phase Noise
(1750 MHz, 30 kHz, 3 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–80kHz
–40kHz
1750MHz
40kHz
80kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 30kHz
LOOP BANDWIDTH = 3kHz
RES. BANDWIDTH = 3Hz
VIDEO BANDWIDTH = 3Hz
SWEEP = 255s
POSITIVE PEEK DETECT
MODE
REFERENCE
LEVEL = –5.7dBm
–79.6dBc/Hz
Figure 15. ADF4113 Reference Spurs (1750 MHz, 30 kHz, 3 kHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2.0kHz
–1.0kHz
3100MHz
1.0kHz
2.0kHz
FREQUENCY
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9s
AVERAGES = 45
REFERENCE
LEVEL = –4.2dBm
–86.6dBc/Hz
Figure 16. ADF4113 Phase Noise (3100 MHz, 1 MHz, 100 kHz)


Numéro de pièce similaire - ADF4113BCHIPS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4113BCHIPS AD-ADF4113BCHIPS Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4113BCHIPS AD-ADF4113BCHIPS Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results

Description similaire - ADF4113BCHIPS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com