Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HI5808 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce HI5808
Description  12-Bit, 10 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5808 Fiches technique(HTML) 3 Page - Intersil Corporation

  HI5808 Datasheet HTML 1Page - Intersil Corporation HI5808 Datasheet HTML 2Page - Intersil Corporation HI5808 Datasheet HTML 3Page - Intersil Corporation HI5808 Datasheet HTML 4Page - Intersil Corporation HI5808 Datasheet HTML 5Page - Intersil Corporation HI5808 Datasheet HTML 6Page - Intersil Corporation HI5808 Datasheet HTML 7Page - Intersil Corporation HI5808 Datasheet HTML 8Page - Intersil Corporation HI5808 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
119
Absolute Maximum Ratings
Thermal Information
Supply Voltage, AVCC or DVCC to AGND or DGND . . . . . . . . . +6.0V
DGND to AGND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.3V
Digital I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .DGND to DVCC
Analog I/O Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . AGND to AVCC
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
70
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
AVCC = DVCC1 = DVCC2 = +5V, fS = 10 MSPS at 50% Duty Cycle, VRIN = 3.5V, CL = 10pF,
TA = -40
oC to 85oC, Differential Analog Input, Typical Values are Test Results at 25oC,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
HI5808BIB
-40oC TO 85oC
UNITS
MIN
TYP
MAX
ACCURACY
Resolution
12
-
-
Bits
Integral Linearity Error, INL
fIN = DC
-
±1
±2
LSB
Differential Linearity Error, DNL
(Guaranteed No Missing Codes)
fIN = DC
-
±0.5
±1
LSB
Offset Error, VOS
fIN = DC
-
19
-
LSB
Full Scale Error, FSE
fIN = DC
-
32
-
LSB
DYNAMIC CHARACTERISTICS
Minimum Conversion Rate
No Missing Codes
-
0.5
-
MSPS
Maximum Conversion Rate
No Missing Codes
10
-
-
MSPS
Effective Number of Bits, ENOB
fIN = 1MHz
10.0
10.8
-
Bits
Signal to Noise and Distortion Ratio, SINAD
fIN = 1MHz
-
66.5
-
dB
Signal to Noise Ratio, SNR
fIN = 1MHz
-
67.3
-
dB
Total Harmonic Distortion, THD
fIN = 1MHz
-
-75
-
dBc
2nd Harmonic Distortion
fIN = 1MHz
-
-80
dBc
3rd Harmonic Distortion
fIN = 1MHz
-
-77
-
dBc
Spurious Free Dynamic Range, SFDR
fIN = 1MHz
-
77
-
dBc
Intermodulation Distortion, IMD
f1 = 1MHz, f2 = 1.02MHz
-
-65
-
dBc
Transient Response
-
1
-
Cycle
Over-Voltage Recovery
0.2V Overdrive
-
2
-
Cycle
ANALOG INPUT
Maximum Peak-to-Peak Differential Analog Input Range (VIN+-
VIN-)
-
±2.0
-
V
Maximum Peak-to-Peak Single-Ended Analog Input Range
-
4.0
-
V
Analog Input Resistance, RIN
(Notes 2, 3)
1
-
-
M
Analog Input Capacitance, CIN
-10-
pF
Analog Input Bias Current, IB+ or IB-
(Note 3)
-10
-
+10
µA
Differential Analog Input Bias Current
IB DIFF = (IB+ - IB-)
-
±0.5
-
µA
Full Power Input Bandwidth, FPBW
-
100
-
MHz
=
RMS Signal
RMS Noise + Distortion
--------------------------------------------------------------
=
RMS Signal
RMS Noise
-------------------------------
HI5808


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn