Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HI5808 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce HI5808
Description  12-Bit, 10 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5808 Fiches technique(HTML) 2 Page - Intersil Corporation

  HI5808 Datasheet HTML 1Page - Intersil Corporation HI5808 Datasheet HTML 2Page - Intersil Corporation HI5808 Datasheet HTML 3Page - Intersil Corporation HI5808 Datasheet HTML 4Page - Intersil Corporation HI5808 Datasheet HTML 5Page - Intersil Corporation HI5808 Datasheet HTML 6Page - Intersil Corporation HI5808 Datasheet HTML 7Page - Intersil Corporation HI5808 Datasheet HTML 8Page - Intersil Corporation HI5808 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
118
Functional Block Diagram
Typical Applications Schematic
VDC
VIN+
VIN-
BIAS
4-BIT
FLASH
+
-
4-BIT
DAC
4-BIT
FLASH
STAGE 4
STAGE 3
STAGE 1
AVCC
AGND
DVCC1
DGND1
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0 (LSB)
4-BIT
FLASH
+
-
4-BIT
DAC
CLOCK
REF
DVCC2
DGND2
VROUT
CLK
VRIN
X8
X8
S/H
VRIN (12)
HI5808
VROUT (11)
VIN- (9)
CLK (1)
DGND1 (5)
DGND2 (21)
DGND1 (3)
AGND (13)
(14) AVCC
(22) DVCC2
(17) D9
(18) D8
(19) D7
(20) D6
(23) D5
(24) D4
(25) D3
(26) D2
(27) D1
(LSB) (28) D0
AS CLOSE TO PART AS POSSIBLE
10
µF AND 0.1µF CAPS ARE PLACED
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BNC
CLOCK
VIN+
0.1
µF
10
µF
0.1
µF
10
µF
+
+
AGND (7)
VIN+ (8)
VIN-
DGND
AGND
(2) DVCC1
(4) DVCC1
VDC (10)
(16) D10
D10
(MSB) (15) D11
D11
(6) AVCC
+5V
+5V
HI5808


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn