Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HI5808 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce HI5808
Description  12-Bit, 10 MSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5808 Fiches technique(HTML) 1 Page - Intersil Corporation

  HI5808 Datasheet HTML 1Page - Intersil Corporation HI5808 Datasheet HTML 2Page - Intersil Corporation HI5808 Datasheet HTML 3Page - Intersil Corporation HI5808 Datasheet HTML 4Page - Intersil Corporation HI5808 Datasheet HTML 5Page - Intersil Corporation HI5808 Datasheet HTML 6Page - Intersil Corporation HI5808 Datasheet HTML 7Page - Intersil Corporation HI5808 Datasheet HTML 8Page - Intersil Corporation HI5808 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
117
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
HI5808
12-Bit, 10 MSPS A/D Converter
The HI5808 is a monolithic, 12-bit, Analog-to-Digital
Converter fabricated in Intersil’s HBC10 BiCMOS process. It
is designed for high speed, high resolution applications
where wide bandwidth and low power consumption are
essential.
The HI5808 is designed in a fully differential pipelined
architecture with a front end differential-in-differential-out
sample-and-hold (S/H). The HI5808 has excellent dynamic
performance while consuming 325mW power at 10 MSPS.
The 100MHz full power input bandwidth is ideal for
communication systems and document scanner
applications. Data output latches are provided which present
valid data to the output bus with a latency of 3 clock cycles.
The digital outputs have a separate supply pin which can be
powered from a 3V to 5V supply.
Pinout
HI5808
(SOIC)
TOP VIEW
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 10 MSPS
•Low Power
• Internal Sample and Hold
• Fully Differential Architecture
• Full Power Input Bandwidth . . . . . . . . . . . . . . . . . 100MHz
• Low Distortion
• Internal Voltage Reference
• TTL/CMOS Compatible Digital I/O
• Digital Outputs . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 3.0V
Applications
• Digital Communication Systems
• Undersampling Digital IF
• Document Scanners
• Additional Reference Documents
- AN9214 Using Intersil High Speed A/D Converters
- AN9724 Using the HI5808EVAL1 Evaluation Board
Ordering Information
PART
NUMBER
SAMPLE
RATE
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HI5808BIB
10 MSPS
-40 to 85
28 Ld SOIC
M28.3
HI5808EVAL1
25
Evaluation Board
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLK
DVCC1
VIN+
VDC
VROUT
VRIN
AGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D0
D2
D3
D4
DVCC2
DGND2
D6
D7
D8
D9
D1
D5
DGND1
DVCC1
DGND1
AVCC
AGND
AVCC
D10
D11
VIN-
Data Sheet
February 1999
File Number
4233.4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn