Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4117 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADF4117
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4117 Fiches technique(HTML) 3 Page - Analog Devices

  ADF4117_15 Datasheet HTML 1Page - Analog Devices ADF4117_15 Datasheet HTML 2Page - Analog Devices ADF4117_15 Datasheet HTML 3Page - Analog Devices ADF4117_15 Datasheet HTML 4Page - Analog Devices ADF4117_15 Datasheet HTML 5Page - Analog Devices ADF4117_15 Datasheet HTML 6Page - Analog Devices ADF4117_15 Datasheet HTML 7Page - Analog Devices ADF4117_15 Datasheet HTML 8Page - Analog Devices ADF4117_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADF4116/ADF4117/ADF4118
Rev. D | Page 3 of 28
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, 5 V ± 10%; AVDD ≤ VP ≤ 6.0 V; AGND = DGND = CPGND = 0 V; TA = TMIN to TMAX, unless otherwise
noted; dBm referred to 50 Ω.
Table 1.
Parameter
B Version1
Y Version2
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Sensitivity
−15 to 0
−10 to 0
dBm min to max
AVDD = 3 V
−10 to 0
−10 to 0
dBm min to max
AVDD = 5 V
RF Input Frequency
ADF4116
80 to 550
MHz min to max
See Figure 26 for input circuit
45 to 550
MHz min to max
Input level = −8 dBm; for lower frequencies,
ensure slew rate (SR) > 36 V/μs
ADF4117
0.1 to 1.2
GHz min to max
ADF4118
0.1 to 3.0
0.1 to 3.0
GHz min to max
Input level = −10 dBm
0.2 to 3.0
GHz min to max
Input level = −15 dBm
Maximum Allowable Prescaler
Output Frequency3
165
200
165
200
MHz max
MHz max
AVDD, DVDD = 3 V
AVDD, DVDD = 5 V
REFIN CHARACTERISTICS
Reference Input Frequency
5 to 100
5 to 100
MHz min to max
For f < 5 MHz, ensure SR > 100 V/μs
Reference Input Sensitivity4,5
0.4 to AVDD
0.4 to AVDD
V p-p min to max
AVDD = 3.3 V, biased at AVDD/2
0.7 to AVDD
0.7 to AVDD
V p-p min to max
For f ≥ 10 MHz, AVDD = 5 V, biased at AVDD/2
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
μA max
PHASE DETECTOR FREQUENCY5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
1
1
mA typ
Low Value
250
250
μA typ
Absolute Accuracy
2.5
2.5
% typ
ICP Three-State Leakage Current
3
25
nA max
1
16
nA typ
Sink and Source Current Matching
3
3
% typ
0.5 V ≤ VCP ≤ VP − 0.5
ICP vs. VCP
2
2
% typ
0.5 V ≤ VCP ≤ VP − 0.5
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8 × DVDD
0.8 × DVDD
V min
VINL, Input Low Voltage
0.2 × DVDD
0.2 × DVDD
V max
IINH/IINL, Input Current
±1
± 1
μA max
CIN, Input Capacitance
10
10
pF max
Reference Input Current
±100
± 100
μA max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD − 0.4
DVDD − 0.4
V min
IOH = 500 μA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 μA


Numéro de pièce similaire - ADF4117_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4117BCP AD-ADF4117BCP Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4117BRU AD-ADF4117BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4117BRU AD-ADF4117BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU AD-ADF4117BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4117BRU-REEL AD-ADF4117BRU-REEL Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Description similaire - ADF4117_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com