Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4001BCPZ-RL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADF4001BCPZ-RL
Description  200 MHz Clock Generator PLL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4001BCPZ-RL Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADF4001BCPZ-RL Datasheet HTML 3Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 4Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 9Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 10Page - Analog Devices ADF4001BCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV.
ADF4001
–7–
ANALOG LOCK DETECT
DIGITAL LOCK DETECT
R COUNTER OUTPUT
N COUNTER OUTPUT
SDOUT
DGND
DVDD
CONTROL
MUXOUT
MUX
Figure 6. MUXOUT Circuit
Lock Detect
MUXOUT can be programmed for two types of lock detect:
digital lock detect and analog lock detect. Digital lock detect is
active high. When LDP in the R counter latch is set to 0, digital
lock detect is set high when the phase error on three consecutive
phase detector cycles is less than 15 ns. With LDP set to 1, five
consecutive cycles of less than 15 ns are required to set the lock
detect. It will stay set high until a phase error of greater than
25 ns is detected on any subsequent PD cycle. The N-channel
open-drain analog lock detect should be operated with an external
pull-up resistor of 10 k
Ω nominal. When lock has been detected,
this output will be high with narrow low-going pulses.
INPUT SHIFT REGISTER
The ADF4001 digital section includes a 24-bit input shift regis-
ter, a 14-bit R counter, and a 13-bit N counter. Data is clocked
into the 24-bit shift register on each rising edge of CLK. The
data is clocked in MSB first. Data is transferred from the shift
register to one of four latches on the rising edge of LE. The
destination latch is determined by the state of the two control
bits (C2, C1) in the shift register. These are the two LSBs, DB1
and DB0, as shown in the timing diagram of Figure 1. The truth
table for these bits is shown in Table I. Table II shows a sum-
mary of how the latches are programmed.
Table I. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
00
R Counter
01
N Counter
10
Function Latch
11
Initialization Latch
Table II. ADF4001 Family Latch Summary
REFERENCE COUNTER LATCH
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (0)
R1
R2
R3
R4
R5
R7
R14
ABP1
T2
LDP
R13
R6
CONTROL
BITS
ABP2
T1
DB21
R12
R11
R10
DB22
DB23
R8
R9
RESERVED
TEST
MODE
BITS
ANTI-
BACKLASH
WIDTH
14-BIT REFERENCE COUNTER
XX
X
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1) C1 (1)
F1
PD1
M1
M2
M3
F3
CPI1
CPI2
CPI5
CPI6
TC4
PD2
F2
CONTROL
BITS
MUXOUT
CONTROL
CURRENT
SETTING
1
TIMER COUNTER
CONTROL
CPI3
CPI4
DB21
CURRENT
SETTING
2
TC3
TC2
TC1
DB22
DB23
F4
F5
RESERVED
X = DON’T CARE
XX
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0) C1 (1)
N1
N8
N9
N12
N13
N7
G1
CONTROL
BITS
N10
N11
DB21
N6
N5
N4
DB22
DB23
N2
N3
RESERVED
CP
GAIN
RESERVED
13-BIT N COUNTER
XX
XX
X
X
X
X
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1) C1 (0)
F1
PD1
M1
M2
M3
F3
CPI1
CPI2
CPI5
CPI6
TC4
PD2
F2
CONTROL
BITS
MUXOUT
CONTROL
CURRENT
SETTING
1
TIMER COUNTER
CONTROL
CPI3
CPI4
DB21
CURRENT
SETTING
2
TC3
TC2
TC1
DB22
DB23
F4
F5
RESERVED
XX
N COUNTER LATCH
FUNCTION LATCH
INITIALIZATION LATCH
B


Numéro de pièce similaire - ADF4001BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4001BCPZ-RL AD-ADF4001BCPZ-RL Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001BCPZ-RL7 AD-ADF4001BCPZ-RL7 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
More results

Description similaire - ADF4001BCPZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS514 ICST-ICS514 Datasheet
42Kb / 4P
   LOCO??PLL Clock Generator
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
   One-PLL Clock Generator
logo
Renesas Technology Corp
RD151TS502US RENESAS-RD151TS502US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
Renesas Technology Corp
RD151TS501US RENESAS-RD151TS501US_15 Datasheet
121Kb / 9P
   PLL clock generator series
RD151TS501US RENESAS-RD151TS501US Datasheet
101Kb / 7P
   PLL clock generator series
logo
Integrated Circuit Syst...
ICS513 ICST-ICS513 Datasheet
61Kb / 4P
   LOCO??PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com