Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI2328DS-HF Fiches technique(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce SI2328DS-HF
Description  N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2328DS-HF Fiches technique(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2328DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2328DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=1mA, VGS=0V
100
V
VDS=100V, VGS=0V
1
VDS=100V, VGS=0V, Ta=70℃
75
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250μA
2
4
V
On-State Drain Current *1
ID(on)
VDS ≥ 15 V, VGS = 10 V
6
A
Static Drain-Source On-Resistance *1
RDS(On)
VGS=10V, ID=1.5A
250
Forward Transconductance *1
gFS
VDS=15V, ID=1.5A
4
S
Gate Resistance
Rg
0.5
2.4
Ω
Total Gate Charge
Qg
3.3
4
Gate Source Charge
Qgs
0.47
Gate Drain Charge
Qgd
1.45
Turn-On DelayTime
td(on)
7
11
Turn-On Rise Time
tr
11
17
Turn-Off DelayTime
td(off)
9
15
Turn-Off Fall Time
tf
10
15
Body Diode Reverse Recovery Time
trr
IF= 1.5A, dI/dt= 100A/μs
50
100
Maximum Body-Diode Continuous Current
IS
1.0
A
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.8
1.2
V
Zero Gate Voltage Drain Current
IDSS
μ
A
VGS=10V, VDS=50V, ID=1.5A
nC
ns
ID=0.2A, VDS=50V, ,VGEN=10V
RL=33Ω,RG=6Ω
*1 Pulse test: PW ≤ 300us duty cycle≤ 2%.
Marking
Marking
D8* F
N-Channel MOSFET
SI2328DS-HF (KI2328DS-HF)


Numéro de pièce similaire - SI2328DS-HF

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SI2328DS-HF-3 KEXIN-SI2328DS-HF-3 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Description similaire - SI2328DS-HF

FabricantNo de pièceFiches techniqueDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com