Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADD8754 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADD8754
Description  LCD Panel Power, V, and Gate Modulation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADD8754 Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADD8754_15 Datasheet HTML 5Page - Analog Devices ADD8754_15 Datasheet HTML 6Page - Analog Devices ADD8754_15 Datasheet HTML 7Page - Analog Devices ADD8754_15 Datasheet HTML 8Page - Analog Devices ADD8754_15 Datasheet HTML 9Page - Analog Devices ADD8754_15 Datasheet HTML 10Page - Analog Devices ADD8754_15 Datasheet HTML 11Page - Analog Devices ADD8754_15 Datasheet HTML 12Page - Analog Devices ADD8754_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADD8754
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQ = GND
FREQ = VIN
VIN = 5V
VOUT = 10V
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
ILOAD (mA)
2.90
2.85
2.80
2.75
2.70
2.65
2.60
2.55
2.50
2.45
0
50
100
150
200
250
300
350
400
LOAD CURRENT (mA)
ADJ = OPEN
ADJ = LDO_OUT
Figure 3. Efficiency vs. Load Current (mA)
Figure 6. LDO Output Voltage vs. Load Current, VIN = 3.3 V
3.4
3.3
3.2
3.1
3.0
2.9
2.8
0
50
100
150
200
250
300
350
400
LOAD CURRENT (mA)
ADJ = GND
ADJ = OPEN
1
3
2
T
CH1 = VOUT 5V/DIV
CH2 = IL 1A/DIV
CH3 = SD 5V/DIV
VIN = 5V
VOUT = 10V
IOUT = 200mA
CSS = 0F
Figure 7. LDO Output Voltage vs. Load Current, VIN = 5 V
Figure 4. Start-Up Response from Shutdown, CSS = 0 F
6
5
4
3
2
1
0
–1
–80
–40
0
40
80
120
160
200
240
TIME (
μs)
280
SD PIN
750nF
OUTPUT
CAP
10
μF OUTPUT
CAP
2.2
μF
OUTPUT
CAP
1
3
2
T
CH1 = VOUT 5V/DIV
CH2 = IL 1A/DIV
CH3 = SD 5V/DIV
VIN = 5V
VOUT = 10V
IOUT = 200mA
CSS = 10nF
Figure 8. LDO Power-Up Response from Shutdown
Figure 5. Start-Up Response from Shutdown, CSS = 10 F


Numéro de pièce similaire - ADD8754_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8754ACPZ-REEL AD-ADD8754ACPZ-REEL Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754ACPZ-REEL7 AD-ADD8754ACPZ-REEL7 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
More results

Description similaire - ADD8754_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADD8754 AD-ADD8754 Datasheet
516Kb / 28P
   LCD Panel Power, VCOM, and Gate Modulation
REV. 0
ADD8754-EVAL AD-ADD8754-EVAL Datasheet
712Kb / 12P
   Evaluation Kit for LCD Power, VCOM, and Gate Modulation
REV. A
ADD8733 AD-ADD8733 Datasheet
250Kb / 16P
   Integrated TFT Panel Power Supply with Gate Modulation and VCOM
Rev. PrA
logo
Toshiba Semiconductor
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
   Gate Driver for TFT LCD Panel
JBT6L78-AS TOSHIBA-JBT6L78-AS Datasheet
164Kb / 14P
   Gate Driver for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
   LCD Bias Power for Panel
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4402 SILICONMITUS-SM4402 Datasheet
263Kb / 1P
   Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
logo
Analog Devices
ADP3041 AD-ADP3041 Datasheet
269Kb / 16P
   TFT LCD Panel Power Module
REV. D
ADP3041 AD-ADP3041_15 Datasheet
267Kb / 16P
   TFT LCD Panel Power Module
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com