Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-1818A Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce HI-1818A
Description  Low Resistance, Single 8-Channel, and Differential 4-Channel, CMOS Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-1818A Fiches technique(HTML) 1 Page - Intersil Corporation

  HI-1818A Datasheet HTML 1Page - Intersil Corporation HI-1818A Datasheet HTML 2Page - Intersil Corporation HI-1818A Datasheet HTML 3Page - Intersil Corporation HI-1818A Datasheet HTML 4Page - Intersil Corporation HI-1818A Datasheet HTML 5Page - Intersil Corporation HI-1818A Datasheet HTML 6Page - Intersil Corporation HI-1818A Datasheet HTML 7Page - Intersil Corporation HI-1818A Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN3141.4
HI-1818A
Low Resistance, Single 8-Channel, CMOS
Analog Multiplexer
The Hl-1818A is a monolithic, high performance CMOS
analog multiplexer offering built-in channel selection
decoding plus an inhibit (enable) input for disabling all
channels. Dielectric Isolation (Dl) processing is used for
enhanced reliability and performance. Substrate leakage
and parasitic capacitance are much lower, resulting in
extremely low static errors and high throughput rates. Low
output leakage (typically 0.1nA) and low channel ON
resistance (250
Ω) assure optimum performance in low level
or current mode applications.
The HI-1818A is a single-ended, 8-Channel multiplexer, and is
ideally suited for medical instrumentation, telemetry systems,
and microprocessor based data acquisition systems.
Features
• Signal Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+15V
• “ON” Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
• Input Leakage (Max) . . . . . . . . . . . . . . . . . . . . . . . . .50nA
• Access Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350ns
• Power Consumption . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
• DTL/TTL Compatible Address
• Operation . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Applications
• Data Acquisition Systems
• Precision Instrumentation
• Demultiplexing
• Selector Switch
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HI1-1818A-2
-55 to 125
16 Ld CERDIP
F16.3
Pinout
HI-1818A (CERDIP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
ADDRESS A1
+5V SUPPLY
ENABLE
ADDRESS A2
IN 8
IN 7
IN 5
IN 6
ADDRESS A0
+VSUPPLY
IN 1
OUT
IN 2
IN 3
IN 4
-VSUPPLY
Data Sheet
November 19, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004. All Rights Reserved


Numéro de pièce similaire - HI-1818A

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HI-1818A RENESAS-HI-1818A Datasheet
337Kb / 8P
   Low Resistance, Single 8-Channel, CMOS Analog Multiplexer
November 19, 2004
More results

Description similaire - HI-1818A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_07 Datasheet
751Kb / 24P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com