Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD73422 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD73422
Description  Dual Low Power CMOS Analog Front End with DSP Microcomputer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD73422 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD73422_15 Datasheet HTML 4Page - Analog Devices AD73422_15 Datasheet HTML 5Page - Analog Devices AD73422_15 Datasheet HTML 6Page - Analog Devices AD73422_15 Datasheet HTML 7Page - Analog Devices AD73422_15 Datasheet HTML 8Page - Analog Devices AD73422_15 Datasheet HTML 9Page - Analog Devices AD73422_15 Datasheet HTML 10Page - Analog Devices AD73422_15 Datasheet HTML 11Page - Analog Devices AD73422_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
REV. 0
AD73422
–8–
PBGA BALL CONFIGURATION DESCRIPTIONS (Continued)
BGA
Mnemonic
Location
Function
IRQL0/
(Input) Level-Sensitive Interrupt Requests
1.
PF5
B1
(Input/Output) Programmable I/O Pin.
IRQE/
(Input) Edge-Sensitive Interrupt Requests
1.
PF4
A1
(Input/Output) Programmable I/O Pin.
PF3
H4
(Input/Output) Programmable I/O Pin During Normal Operation.
Mode C/
(Input) Mode Select Input—Checked Only During RESET.
PF2
G7
(Input/Output) Programmable I/O Pin During Normal Operation.
Mode B/
(Input) Mode Select Input—Checked Only During RESET.
PF1
F7
(Input/Output) Programmable I/O Pin During Normal Operation.
Mode A/
(Input) Mode Select Input—Checked Only During RESET.
PF0
F6
(Input/Output) Programmable I/O Pin During Normal Operation.
CLKIN
A4
(Inputs) Clock or Quartz Crystal Input. The CLKIN input cannot be halted or changed during operation
XTAL
B4
nor operated below 10 MHz during normal operation.
CLKOUT
D4
(Output) Processor Clock Output.
SPORT0
TFS0
E2
(Input/Output) SPORT0 Transmit Frame Sync.
RFS0
E3
(Input/Output) SPORT0 Receive Frame Sync.
DT0
E1
(Output) SPORT0 Transmit Data.
DR0
F1
(Input) SPORT0 Receive Data.
SCLK0
F2
(Input/Output) SPORT0 Serial Clock.
SPORT1
TFS1/
(Input/Output) SPORT1 Transmit Frame Sync.
IRQ1
G1
(Input) Edge or Level Sensitive Interrupt.
RFS1
(Input/Output) SPORT1 Receive Frame Sync.
IRQ0
G2
(Input) Edge or Level Sensitive Interrupt.
DT1/
(Output) SPORT1 Transmit Data.
FO
F3
(Output) Flag Out
2.
DR1/
(Input) SPORT1 Receive Data.
FI
G3
(Input) Flag In
2.
SCLK1
H1
(Input/Output) SPORT1 Serial Clock.
FL0
H5
(Output) Flag 0.
FL1
H6
(Output) Flag 1.
FL2
H7
(Output) Flag 2.
VDD(INT)
A3
(Input) DSP Core Supply.
N3
VDD(EXT)
C4
(Input) DSP I/O Interface Supply.
G6
M5
GND
C7
DSP Ground.
D5
G4
N5
EZ-ICE Port
ERESET
H2
EMS
J1
EE
J2
ECLK
J3
ELOUT
K1
ELIN
K2
EINT
K3
EBR
P1
EBG
M1
Address Bus
A0–E7; A1/IAD0–E6; A2/IAD1–E5; A3/IAD2–E4; A4/IAD3–A7; A5/IAD4–B7; A6/IAD5–D7; A7/IAD6–A6;
A8/IAD7–B6; A9/IAD8–C6; A10/IAD9–D6; A11/IAD10–A5; A12/IAD11–B5; A13/IAD12–C5
Data Bus
D0/IAD13–P2; D1/IAD14–N2; D2/IAD15–M2; D3/IACK–L2; D4/IS–M3; D5/IAL–L3; D6/IRD–N4; D7/IWR–
M4; D8–L4; D9–L5; D10–N6; D11–M6; D12–L6; D13–N7; D14–M7; D15–L7; D16–K7; D17–K6; D18–K5;
D19–K4; D20–J7; D21–J6; D22–J5; D23–J4
NOTES
1Interrupt/Flag pins retain both functions concurrently. If IMASK is set to enable the corresponding interrupts, then the DSP will vector to the appropriate interrupt
vector address when the pin is asserted, either by external devices, or set as a programmable flag.
2SPORT configuration determined by the DSP System Control Register. Software configurable.


Numéro de pièce similaire - AD73422_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73422BB-40 AD-AD73422BB-40 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD73422BB-80 AD-AD73422BB-80 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
More results

Description similaire - AD73422_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD73422 AD-AD73422 Datasheet
396Kb / 36P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
REV. 0
AD7818 AD-AD7818_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD5744 AD-AD5744_15 Datasheet
577Kb / 32P
   Dual Low Power CMOS Analog Front End with DSP Microcomputer
Rev. PrE
AD7818ARMZ AD-AD7818ARMZ Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD7817 AD-AD7817_15 Datasheet
1Mb / 20P
   Dual, Low Power CMOS, Analog Front End with DSP Microcomputer
REV. D
AD73411 AD-AD73411_15 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73411 AD-AD73411 Datasheet
351Kb / 36P
   Low-Power Analog Front End with DSP Microcomputer
REV. 0
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com