Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC3739-3 Fiches technique(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No de pièce 2SC3739-3
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Site Internet  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC3739-3 Fiches technique(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC3739-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC3739-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC3739-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
2SC3739
Features
High Gain Bandwidth Product:fT=200MHz(min)
Complementary to 2SA1464
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
60
Collector - Emitter Voltage
VCEO
40
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
500
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 uA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA,IB= 0
40
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 40V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 4V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
0.25 0.75
Base - emitter saturation voltage
VBE(sat) IC=500 mA, IB=50mA
1
1.2
hFE(1)
VCE= 1V, IC= 150mA
75
300
hFE(2)
VCE= 2V, IC= 500mA
20
75
Turn-on time
ton
35
Storage time
tstg
225
Turn-off time
toff
275
Collector output capacitance
Cob
VCB= 10V, IE=0,f=1MHz
3.5
8
pF
Transition frequency
fT
VCE= 10V, IE=-20mA
200
400
MHz
VCC=30V,IC=150mA,IB1=-IB2=15mA
ns
DC current gain
V
uA
V
Classification of hfe(1)
Type
2SC3739-B12 2SC3739-B13 2SC3739-B14
Range
75-150
100-200
150-300
Marking
B12
B13
B14
150
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
1. Base
2. Emitter
3. Collector
0.15 +0.02
-0.02


Numéro de pièce similaire - 2SC3739-3

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3739-B12-HF KEXIN-2SC3739-B12-HF Datasheet
2Mb / 3P
   NPN Transistors
2SC3739-B12-HF KEXIN-2SC3739-B12-HF Datasheet
2Mb / 3P
   NPN Transistors
2SC3739-B13-HF KEXIN-2SC3739-B13-HF Datasheet
2Mb / 3P
   NPN Transistors
2SC3739-B13-HF KEXIN-2SC3739-B13-HF Datasheet
2Mb / 3P
   NPN Transistors
2SC3739-B14-HF KEXIN-2SC3739-B14-HF Datasheet
2Mb / 3P
   NPN Transistors
More results

Description similaire - 2SC3739-3

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com