Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD61009 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD61009
Description  Low Power Mixer 3 V Receiver IF Subsystem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD61009 Fiches technique(HTML) 4 Page - Analog Devices

  AD61009_15 Datasheet HTML 1Page - Analog Devices AD61009_15 Datasheet HTML 2Page - Analog Devices AD61009_15 Datasheet HTML 3Page - Analog Devices AD61009_15 Datasheet HTML 4Page - Analog Devices AD61009_15 Datasheet HTML 5Page - Analog Devices AD61009_15 Datasheet HTML 6Page - Analog Devices AD61009_15 Datasheet HTML 7Page - Analog Devices AD61009_15 Datasheet HTML 8Page - Analog Devices AD61009_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
REV. 0
–4–
AD61009
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Reads
Function
1
FDIN
Frequency Detector Input
PLL input for I/Q demodulator quadrature oscillator,
±400 mV
drive required from external oscillator. Must be biased at VP/2.
2
COM1
Common #1
Supply common for RF front end and main bias.
3
PRUP
Power-Up Input
3 V/5 V CMOS compatible power-up control; logical high =
powered-up; max input level = VPS1 = VPS2.
4
LOIP
Local Oscillator Input
LO input, ac coupled
±54 mV LO input required (–16 dBm for
50
Ω input termination).
5
RFLO
RF “Low” Input
Usually connected to ac ground.
6
RFHI
RF “High” Input
AC coupled,
±56 mV, max RF input for linear operation.
7
GREF
Gain Reference Input
High impedance input, typically 1.5 V, sets gain scaling.
8
MXOP
Mixer Output
High impedance, single-sided current output,
±1.3 V max voltage
output (
±6 mA max current output).
9
VMID
Midsupply Bias Voltage
Output of the midsupply bias generator (VMID = VPOS/2).
10
IFHI
IF “High” Input
AC coupled IF input,
±56 mV max input for linear operation.
11
IFLO
IF “Low” Voltage
Reference node for IF input; auto-offset null.
12
GAIN
Gain Control Input
High impedance input, 0 V–2 V using 3 V supply, max gain at
V = 0.
13
COM2
Common #2
Supply common for IF stages and demodulator.
14
IFOP
IF Output
Low impedance, single-sided voltage output, 5 dBm (
±560 mV)
max.
15
DMIP
Demodulator Input
Signal input to I and Q demodulators
±150 mV max input at IF
> 3 MHz for linear operation;
±75 mV max input at IF < 3 MHz
for linear operation. Must be biased at VP/2.
16
VPS2
VPOS Supply #2
Supply to high-level IF, PLL, and demodulators.
17
QOUT
Quadrature Output
Low impedance Q baseband output;
±1.23 V full scale in 20 kΩ
min load; ac coupled.
18
IOUT
In-Phase Output
Low impedance I baseband output;
±1.23 V full scale in 20 kΩ
min load; ac coupled.
19
FLTR
PLL Loop Filter
Series RC PLL Loop filter, connected to ground.
20
VPS1
VPOS Supply #1
Supply to mixer, low level IF, PLL, and gain control.
PIN CONNECTION
20-Lead SSOP (RS-20)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD61009
FDIN
QOUT
IOUT
FLTR
VPS1
COM1
PRUP
LOIP
IFOP
DMIP
VPS2
RFLO
RFHI
GREF
MXOP
VMID
IFHI
IFLO
GAIN
COM2


Numéro de pièce similaire - AD61009_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results

Description similaire - AD61009_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD608 AD-AD608 Datasheet
196Kb / 12P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. B
AD607 AD-AD607 Datasheet
510Kb / 24P
   Low Power Mixer/AGC/RSSI 3 V Receiver IF Subsystem
REV. 0
AD608 AD-AD608_15 Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com