Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD45048 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD45048
Description  Rail-to-Rail Upstream ADSL Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD45048 Fiches technique(HTML) 2 Page - Analog Devices

  AD45048_15 Datasheet HTML 1Page - Analog Devices AD45048_15 Datasheet HTML 2Page - Analog Devices AD45048_15 Datasheet HTML 3Page - Analog Devices AD45048_15 Datasheet HTML 4Page - Analog Devices AD45048_15 Datasheet HTML 5Page - Analog Devices AD45048_15 Datasheet HTML 6Page - Analog Devices AD45048_15 Datasheet HTML 7Page - Analog Devices AD45048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD45048
Rev. A | Page 2 of 8
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configuration............................................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Typical Performance Characteristics ............................................. 5
General Description..........................................................................7
Power Supply and Decoupling.....................................................7
Layout Considerations..................................................................7
CPE ADSL Application ................................................................7
Transformer Selection ..................................................................7
Receive Channel Considerations.................................................7
Outline Dimensions ..........................................................................8
Ordering Guide .............................................................................8
REVISION HISTORY
9/05—Rev. 0 to Rev. A
Updated Outline Dimensions ......................................................... 8
Changes to Ordering Guide ............................................................ 8
7/04—Revision 0: Initial Version


Numéro de pièce similaire - AD45048_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048AR AD-AD45048AR Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL AD-AD45048AR-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL7 AD-AD45048AR-REEL7 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ AD-AD45048ARZ Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ-REEL AD-AD45048ARZ-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Description similaire - AD45048_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com