Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD45048 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD45048
Description  Rail-to-Rail Upstream ADSL Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD45048 Fiches technique(HTML) 8 Page - Analog Devices

  AD45048_15 Datasheet HTML 1Page - Analog Devices AD45048_15 Datasheet HTML 2Page - Analog Devices AD45048_15 Datasheet HTML 3Page - Analog Devices AD45048_15 Datasheet HTML 4Page - Analog Devices AD45048_15 Datasheet HTML 5Page - Analog Devices AD45048_15 Datasheet HTML 6Page - Analog Devices AD45048_15 Datasheet HTML 7Page - Analog Devices AD45048_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD45048
Rev. A | Page 8 of 8
OUTLINE DIMENSIONS
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012-AA
Figure 15. 8-Lead Standard Small Outline Package [SOIC_N]
Narrow Body (R-8)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD45048AR
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD45048AR-REEL
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD45048AR-REEL7
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD45048ARZ1
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD45048ARZ-REEL1
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
AD45048ARZ-REEL71
−40°C to +85°C
8-Lead Standard Small Outline Package (SOIC_N)
R-8
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04817–0–9/05(A)


Numéro de pièce similaire - AD45048_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048AR AD-AD45048AR Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL AD-AD45048AR-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048AR-REEL7 AD-AD45048AR-REEL7 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ AD-AD45048ARZ Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
AD45048ARZ-REEL AD-AD45048ARZ-REEL Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
More results

Description similaire - AD45048_15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD45048 AD-AD45048 Datasheet
153Kb / 8P
   Rail-to-Rail Upstream ADSL Line Driver
REV. A
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111_07 Datasheet
473Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59111 RENESAS-ISL59111 Datasheet
768Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9111 SGMICRO-SGM9111_16 Datasheet
394Kb / 11P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111IIZ-T7 INTERSIL-ISL59111IIZ-T7 Datasheet
479Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110 Datasheet
560Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
ISL59110 INTERSIL-ISL59110_07 Datasheet
485Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
SG Micro Corp
SGM9147 SGMICRO-SGM9147 Datasheet
384Kb / 9P
   13MHz Rail-to-Rail Composite Video Driver
logo
Renesas Technology Corp
ISL59110 RENESAS-ISL59110 Datasheet
766Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
logo
Intersil Corporation
ISL59111 INTERSIL-ISL59111 Datasheet
477Kb / 10P
   8MHz Rail-to-Rail Composite Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com